Electronic Components Datasheet Search
  English  ▼

X  

CC8520RHAR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CC8520RHAR
Description  2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520 - PurePath??Wireless
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC8520RHAR Datasheet(HTML) 2 Page - Texas Instruments

  CC8520RHAR Datasheet HTML 1Page - Texas Instruments CC8520RHAR Datasheet HTML 2Page - Texas Instruments CC8520RHAR Datasheet HTML 3Page - Texas Instruments CC8520RHAR Datasheet HTML 4Page - Texas Instruments CC8520RHAR Datasheet HTML 5Page - Texas Instruments CC8520RHAR Datasheet HTML 6Page - Texas Instruments CC8520RHAR Datasheet HTML 7Page - Texas Instruments CC8520RHAR Datasheet HTML 8Page - Texas Instruments CC8520RHAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
CC8520
WWW.TI.COM
SWRS091A – MARCH 2010
2
Copyright
© 2010, Texas Instruments Incorporated
DESCRIPTION
The PurePath™ Wireless platform is a cost-
effective and low-power solution optimized for
wireless transmission of high-quality digital audio.
The CC8520 includes a robust built-in wireless
audio transmission protocol and can control
selected
external
audio
devices.
Utilizing
numerous coexistence mechanisms allows the
CC8520
to
avoid
interfering
with,
or
being
interfered by other 2.4 GHz radio systems. The
CC8520, which supports 2 audio channels, is the
first device in the PurePath™ Wireless platform.
The CC8520 operates autonomously, and can be
used with or without an external MCU. An external
host processor can be connected through SPI and
control some aspects of its operation. The CC8520
interfaces easily with other TI audio ICs and DSPs
(using I2S and DSP/TDM interfaces).
QFN-40 PACKAGE (TOP VIEW)
ABBREVIATIONS
ADC
Analog to Digital Converter
LAN
Local Area Network
ARIB
Association of Radio Industries and Businesses
LED
Light Emitting Diode
BER
Bit Error Rate
LNA
Low Noise Amplifier
CODEC
Coder/Decoder
MISO
Master In Slave Out
DAC
Digital to Analog Converter
MOSI
Master Out Slave In
DRC
Dynamic Range Control
MCU
Microcontroller
DSP
Digital Signal Processor
PA
Power Amplifier
EHIF
External Host Interface
PCM
Pulse Code Modulation
ESD
Electro Static Discharge
PER
Packet Error Rate
ETSI
European Telecommunications Standard Institute
PLL
Phase Lock Loop
FCC
Federal Communications Commission
PM
Protocol Master
FEC
Forward Error Correction
PPW
PurePath™ Wireless
FSK
Frequency Shift Keying
PS
Protocol Slave
FW
Firmware
PWM
Pulse Width Modulation
HID
Human Interface Device
RoHS
Restriction of Hazardous Substances
I2C
Inter-Integrated Circuit (serial communications bus)
RF
Radio Frequency
I2S
Inter-IC Sound (serial bus for digital audio signals)
SPI
Serial Peripheral Interface
IEEE
Institute of Electrical and Electronics Engineers
SoC
System-on-Chip
ISM
Industrial, Scientific, Medical
STD
Standard
JEDEC
Joint Electron Device Engineering Council
TDM
Time-Division Multiplexing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com