Electronic Components Datasheet Search
  English  ▼

X  

UD9926 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UD9926
Description  DUAL N-CHANNEL ENHANCEMENT MODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD9926 Datasheet(HTML) 3 Page - Unisonic Technologies

  UD9926 Datasheet HTML 1Page - Unisonic Technologies UD9926 Datasheet HTML 2Page - Unisonic Technologies UD9926 Datasheet HTML 3Page - Unisonic Technologies UD9926 Datasheet HTML 4Page - Unisonic Technologies UD9926 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UD9926
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-143.B
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain Source Voltage
VDSS
20
V
Gate Source Voltage
VGSS
±10
V
Continuous(Note 3)
ID
6
A
Drain Current
Pulsed (Note 2)
IDM
20
A
SOP-8
1.6
W
Power Dissipation
TSSOP-8
PD
1.0
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Surface Mounted on 1in
2 pad area, t≤10sec.
3. Pulse width limited by TJ(MAX)
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction to Ambient
θJA
80
°C /W
ELECTRICAL CHARACTERISTICS (TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250uA
20
V
Drain-Source Leakage Current
IDSS
VDS=16V, VGS=0V
1
uA
Gate-Source Leakage Current
IGSS
VDS=0V, VGS=±8V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250uA
0.5
0.7
1.5
V
VGS=4.5V, ID=6A
28
32
mΩ
Drain-Source On-State Resistance (Note2)
RDS(ON)
VGS=2.5V, ID=5.2A
38
45
mΩ
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
520
pF
Output Capacitance
COSS
110
pF
Reverse Transfer Capacitance
CRSS
VGS=0V,VDS=15V,f=1.0MHz
70
pF
SWITCHING CHARACTERISTICS
Turn-ON Delay Time (Note)
tD(ON)
17
ns
Turn-ON Rise Time
tR
15
ns
Turn-OFF Delay Time
tD(OFF)
45
ns
Turn-OFF Fall Time
tF
VDD=10V, VGS=4.5V, ID=1A,
RG=0.2Ω
25
ns
Total Gate Charge (Note)
QG
10
nC
Gate-Source Charge
QGS
3.6
nC
Gate-Drain Charge
QGD
VDS=10V, VGS=-4.5V, ID=6A
2
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage(Note2)
VSD
IS=1.7A, VGS=0V
0.6
1.3
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
2.5
A
Note: Pulse width ≤300us, duty cycle ≤2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com