Electronic Components Datasheet Search
  English  ▼

X  

TLC59281RGET Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59281RGET
Description  16-Channel,Constant-Current LED Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC59281RGET Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC59281RGET Datasheet HTML 9Page - Texas Instruments TLC59281RGET Datasheet HTML 10Page - Texas Instruments TLC59281RGET Datasheet HTML 11Page - Texas Instruments TLC59281RGET Datasheet HTML 12Page - Texas Instruments TLC59281RGET Datasheet HTML 13Page - Texas Instruments TLC59281RGET Datasheet HTML 14Page - Texas Instruments TLC59281RGET Datasheet HTML 15Page - Texas Instruments TLC59281RGET Datasheet HTML 16Page - Texas Instruments TLC59281RGET Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
R
(k )=
W
IREF
V
(V)
IREF
I
(mA)
OLC
´ 42
TLC59281
www.ti.com
SBVS139 – JANUARY 2010
DETAILED DESCRIPTION
SETTING FOR THE CONSTANT SINK CURRENT VALUE
The constant-current values are determined by an external resistor (RIREF) placed between IREF and GND. The
resistor (RIREF) value is calculated by Equation 1.
Where:
VIREF = the internal reference voltage on the IREF pin (typically 1.20 V)
(1)
IOLC must be set in the range of 2 mA to 35 mA. The constant sink current characteristic for the external resistor
value is shown in Figure 10. Table 1 describes the constant-current output versus external resistor value.
Table 1. Constant-Current Output versus External Resistor Value
IOLCMax (mA, Typical)
RIREF (kΩ)
35
1.44
30
1.68
25
2.02
20
2.52
15
3.36
10
5.04
5
10.1
2
25.2
CONSTANT-CURRENT DRIVER ON/OFF CONTROL
When BLANK is low, the corresponding output is turned on if the data in the on/off control data latch are '1' and
remains off if the data are '0'. When BLANK is high, all outputs are forced off. This control is shown in Table 2.
Table 2. On/Off Control Data Truth Table
ON/OFF CONTROL LATCH DATA
CONSTANT-CURRENT OUTPUT STATUS
0
Off
1
On
When the IC is initially powered on, the data in the on/off control shift register and data latch are not set to the
respective default value. Therefore, the on/off control data must be written to the data latch before turning the
constant-current output on. BLANK should be at a high level when powered on because the constant-current
may be turned on as a result of random data in the on/off control latch.
The on/off data corresponding to any unconnected OUTn outputs should be set to ‘0’ before turning on the
remaining outputs. Otherwise, the supply current (ICC) increases while the LEDs are on.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TLC59281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com