Electronic Components Datasheet Search
  English  ▼

X  

TPD4F003 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4F003
Description  FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD4F003 Datasheet(HTML) 4 Page - Texas Instruments

  TPD4F003 Datasheet HTML 1Page - Texas Instruments TPD4F003 Datasheet HTML 2Page - Texas Instruments TPD4F003 Datasheet HTML 3Page - Texas Instruments TPD4F003 Datasheet HTML 4Page - Texas Instruments TPD4F003 Datasheet HTML 5Page - Texas Instruments TPD4F003 Datasheet HTML 6Page - Texas Instruments TPD4F003 Datasheet HTML 7Page - Texas Instruments TPD4F003 Datasheet HTML 8Page - Texas Instruments TPD4F003 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1.00E+06
1.00E+07
1.00E+08
1.00E+09
1.00E+10
Frequency (Hz)
TPD8F003
TPD6F003
TPD4F003
TPD8F003
3dB drop/Bias of 0.0V
-3dB = 198MHz
Peak/Freq/Db = 2.57/45 GHz/dB
TPD6F003
3dB drop/Bias of 0.0V
-3dB = 197MHz
Peak/Freq/Db = 2.30/47 GHz/dB
TPD4F003
3dB drop/Bias of 0.0V
-3dB = 197MHz
Peak/Freq/Db = 2.25/45 GHz/dB
-0.001
-0.0008
-0.0006
-0.0004
-0.0002
0
0.0002
0.0004
0.0006
0.0008
0.001
-4
-2
0
2
4
6
8
Voltage (V)
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1.00E+05
1.00E+06
1.00E+07
1.00E+08
1.00E+09
1.00E+10
Frequency (Hz)
Adjacent Signal Pair
Farthest Signal Pair
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1.00E+05
1.00E+06
1.00E+07
1.00E+08
1.00E+09
1.00E+10
Frequency (Hz)
Adjacent Signal Pair
Farthest Signal Pair
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1.00E+05
1.00E+06
1.00E+07
1.00E+08
1.00E+09
1.00E+10
Frequency (Hz)
Adjacent Signal pair
Farthest Signal Pair
TPD4F003, TPD6F003, TPD8F003
SLLS907D – AUGUST 2008 – REVISED JANUARY 2010
www.ti.com
Figure 5. Frequency Response
Figure 6. DC Voltage-Current Sweep Across Input/Output Pins
Channel-to-Channel Crosstalk
Figure 7. TPD4F003
Figure 8. TPD6F003
Figure 9. TPD8F003
4
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): TPD4F003 TPD6F003 TPD8F003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com