Electronic Components Datasheet Search
  English  ▼

X  

DB101 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # DB101
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DB101 Datasheet(HTML) 2 Page - Rectron Semiconductor

  DB101 Datasheet HTML 1Page - Rectron Semiconductor DB101 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RECTRON
RATING AND CHARACTERISTIC CURVES ( DB101 THRU DB107 )
FIG. 4 - TYPICAL REVERSE
PERCENT OF RATED PEAK
REVERSE VOLTAGE, (%)
TJ = 25
0
20
40
60
80
100
120
140
10
1.0
0.1
.01
CHARACTERISTICS
FIG. 1 - MAXIMUM NON-REPETITIVE FORWARD
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-Wave
(JEDED Method)
SURGE CURRENT
60
50
40
30
20
10
0
0
2
4
6
10
20
40
60 100
FIG. 2 - TYPICAL FORWARD CURRENT
AMBIENT TEMPERATURE, (
)
Single Phase Half Wave
60Hz Inductive or
Resistive Load
DERATING CURVE
1.0
.5
0
20
40
60
80
100
120
140 150
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD
Pulse Width = 300us
1% Duty Cycle
VOLTAGE, (V)
10
1.0
0.1
.01
.4
.6
.8
1.0
1.2
1.4
TJ = 25



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com