Electronic Components Datasheet Search
  English  ▼

X  

TPS22949 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22949
Description  CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22949 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS22949 Datasheet HTML 9Page - Texas Instruments TPS22949 Datasheet HTML 10Page - Texas Instruments TPS22949 Datasheet HTML 11Page - Texas Instruments TPS22949 Datasheet HTML 12Page - Texas Instruments TPS22949 Datasheet HTML 13Page - Texas Instruments TPS22949 Datasheet HTML 14Page - Texas Instruments TPS22949 Datasheet HTML 15Page - Texas Instruments TPS22949 Datasheet HTML 16Page - Texas Instruments TPS22949 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
10E-9
210E-9
410E-9
610E-9
810E-9
1.01E-6
1.21E-6
1.41E-6
100
1000
10000
100000
Frequency (Hz)
100
s/DIV
µ
1 mV/div
200 mV/div
V
= 2.1 V to 2.5 V
V
= 1.8 V
V
= 3.2 V
I
= 100 mA
IN
OUT
+
OUTLDO
-110
-90
-70
-50
-30
-10
10
100
1000
10000
100000
1000000
Frequency (Hz)
I
= 0 mA
OUTLDO
I
= 50 mA
I
= 100 mA
OUTLDO
OUTLDO
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
1000000
0
Frequency (Hz)
I
= 1 mA
OUTLDO
I
= 100 mA
OUTLDO
TPS22949
TPS22949A
www.ti.com
SLVS908C – FEBRUARY 2009 – REVISED JANUARY 2010
TYPICAL CHARACTERISTICS (continued)
Figure 23. V+ Load Transient
Figure 24. Output Spectral Noise Density vs Frequency
Figure 25. PSRR vs Frequency
Figure 26. V+ PSRR vs Frequency
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS22949 TPS22949A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com