Electronic Components Datasheet Search
  English  ▼

X  

TPS2552DBVR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2552DBVR
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2552DBVR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS2552DBVR Datasheet HTML 15Page - Texas Instruments TPS2552DBVR Datasheet HTML 16Page - Texas Instruments TPS2552DBVR Datasheet HTML 17Page - Texas Instruments TPS2552DBVR Datasheet HTML 18Page - Texas Instruments TPS2552DBVR Datasheet HTML 19Page - Texas Instruments TPS2552DBVR Datasheet HTML 20Page - Texas Instruments TPS2552DBVR Datasheet HTML 21Page - Texas Instruments TPS2552DBVR Datasheet HTML 22Page - Texas Instruments TPS2552DBVR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
SELF-POWERED AND BUS-POWERED HUBS
LOW-POWER BUS-POWERED AND HIGH-POWER BUS-POWERED FUNCTIONS
USB POWER-DISTRIBUTION REQUIREMENTS
TPS2552
TPS2553, TPS2552-1, TPS2553-1
www.ti.com...................................................................................................................................... SLVS841C – NOVEMBER 2008 – REVISED SEPTEMBER 2009
A SPH has a local power supply that powers embedded functions and downstream ports. This power supply
must provide between 4.75 V to 5.25 V to downstream facing devices under full-load and no-load conditions.
SPHs are required to have current-limit protection and must report overcurrent conditions to the USB controller.
Typical SPHs are desktop PCs, monitors, printers, and stand-alone hubs.
A BPH obtains all power from an upstream port and often contains an embedded function. It must power up with
less than 100 mA. The BPH usually has one embedded function, and power is always available to the controller
of the hub. If the embedded function and hub require more than 100 mA on power up, the power to the
embedded function may need to be kept off until enumeration is completed. This is accomplished by removing
power or by shutting off the clock to the embedded function. Power switching the embedded function is not
necessary if the aggregate power draw for the function and controller is less than 100 mA. The total current
drawn by the bus-powered device is the sum of the current to the controller, the embedded function, and the
downstream ports, and it is limited to 500 mA from an upstream port.
Both low-power and high-power bus-powered functions obtain all power from upstream ports. Low-power
functions always draw less than 100 mA; high-power functions must draw less than 100 mA at power up and can
draw up to 500 mA after enumeration. If the load of the function is more than the parallel combination of 44
Ω
and 10
µF at power up, the device must implement inrush current limiting.
USB can be implemented in several ways regardless of the type of USB device being developed. Several
power-distribution features must be implemented.
• SPHs must:
–
Current limit downstream ports
–
Report overcurrent conditions
• BPHs must:
–
Enable/disable power to downstream ports
–
Power up at <100 mA
–
Limit inrush current (<44
Ω and 10
µF)
• Functions must:
–
Limit inrush currents
–
Power up at <100 mA
The feature set of the TPS2552/53 and TPS2552-1/53-1 meets each of these requirements. The integrated
current limiting and overcurrent reporting is required by self-powered hubs. The logic-level enable and controlled
rise times meet the need of both input and output ports on bus-powered hubs and the input ports for
bus-powered functions.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TPS2552 TPS2553 TPS2552-1 TPS2553-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com