Electronic Components Datasheet Search
  English  ▼

X  

LMZ10503 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMZ10503
Description  3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMZ10503 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMZ10503 Datasheet HTML 6Page - National Semiconductor (TI) LMZ10503 Datasheet HTML 7Page - National Semiconductor (TI) LMZ10503 Datasheet HTML 8Page - National Semiconductor (TI) LMZ10503 Datasheet HTML 9Page - National Semiconductor (TI) LMZ10503 Datasheet HTML 10Page - National Semiconductor (TI) LMZ10503 Datasheet HTML 11Page - National Semiconductor (TI) LMZ10503 Datasheet HTML 12Page - National Semiconductor (TI) LMZ10503 Datasheet HTML 13Page - National Semiconductor (TI) LMZ10503 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
A second criteria before finalizing the C
in bypass capacitor is
the RMS current capability. The necessary RMS current rat-
ing of the input capacitor to a buck regulator can be estimated
by
With this high AC current present in the input capacitor, the
RMS current rating becomes an important parameter. The
maximum input capacitor ripple voltage and RMS current oc-
cur at 50% duty cycle. Select an input capacitor rated for at
least the maximum calculated I
Cin(RMS).
Additional bulk capacitance with higher ESR may be required
to damp any resonance effects of the input capacitance and
parasitic inductance.
Output Capacitor Selection
In general, 22 µF to 100 µF high quality dielectric (X5R, X7R)
ceramic capacitor rated at twice the maximum output voltage
is sufficient given the optimal high frequency characteristics
and low ESR of ceramic dielectrics. Although, the output ca-
pacitor can also be of electrolytic chemistry for increased
capacitance density.
Two output capacitance equations are required to determine
the minimum output capacitance. One equation determines
the output capacitance (C
O) based on PWM ripple voltage.
The second equation determines C
O based on the load tran-
sient characteristics. Select the largest capacitance value of
the two.
The minimum capacitance, given the maximum output volt-
age ripple (
ΔV
OUT) requirement, is determined by the follow-
ing equation:
Where the peak to peak inductor current ripple (
Δi
L) is equal
to:
R
ESR is the total output capacitor ESR, L is the inductance
value of the internal power inductor, where L = 2.2 µH, and
f
SW = 1 MHz. Therefore, per the design example:
The minimum output capacitance requirement due to the
PWM ripple voltage is:
Three miliohms is a typical R
ESR value for ceramic capacitors.
The following equation provides a good first pass capacitance
requirement for a load transient:
Where I
step is the peak to peak load step (for this example
I
step = 10% to 90% of the maximum load), VFB = 0.8V, and
ΔV
o_tran is the maximum output voltage deviation, which is
±20 mV.
Therefore the capacitance requirement for the given design
parameters is:
In this particular design the output capacitance is determined
by the load transient requirements.
Table 1 lists some examples of commercially available ca-
pacitors that can be used with the LMZ10503.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com