Electronic Components Datasheet Search
  English  ▼

X  

TL7702BCP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL7702BCP
Description  SUPPLY-VOLTAGE SUPERVISORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7702BCP Datasheet(HTML) 3 Page - Texas Instruments

  TL7702BCP Datasheet HTML 1Page - Texas Instruments TL7702BCP Datasheet HTML 2Page - Texas Instruments TL7702BCP Datasheet HTML 3Page - Texas Instruments TL7702BCP Datasheet HTML 4Page - Texas Instruments TL7702BCP Datasheet HTML 5Page - Texas Instruments TL7702BCP Datasheet HTML 6Page - Texas Instruments TL7702BCP Datasheet HTML 7Page - Texas Instruments TL7702BCP Datasheet HTML 8Page - Texas Instruments TL7702BCP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TL7702B, TL7705B, TL7733B
SUPPLY-VOLTAGE SUPERVISORS
SLVS037M – SEPTEMBER 1989 – REVISED MAY 2003
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
The functional block diagram is shown for illustrative purposes only; the actual circuit includes a trimming
network to adjust the reference voltage and sense-comparator trip point.
RESIN
≈70 µA
R1
(see Note A)
R2
(see Note A)
Reference
Voltage 1
SENSE
GND
VCC
CT
RESET
RESET
REF
8
3
7
2
4
6
5
1
Pin numbers shown are for the D, JG, and P packages.
NOTE A: TL7702B: R1 = 0
Ω, R2 = open, Vx = VREF1
TL7705B: R1 = 23 k
Ω, R2 = 10 kΩ, nominal, Vx ≈1.43 V
TL7733B: R1 = 11.3 k
Ω, R2 = 10 kΩ, nominal, Vx ≈1.43 V
Reference
Voltage 2
Vx
typical timing diagram
VIT–
RESET
Vres
0
td
0
VCC and
SENSE
td
VIT–
VIT+
VIT+
Vres
Output
Undefined
Output
Undefined
The TL7705BM is obsolete
and no longer is supplied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com