Electronic Components Datasheet Search
  English  ▼

X  

TL7702BCDR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TL7702BCDR
Description  SUPPLY-VOLTAGE SUPERVISORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7702BCDR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL7702BCDR Datasheet HTML 3Page - Texas Instruments TL7702BCDR Datasheet HTML 4Page - Texas Instruments TL7702BCDR Datasheet HTML 5Page - Texas Instruments TL7702BCDR Datasheet HTML 6Page - Texas Instruments TL7702BCDR Datasheet HTML 7Page - Texas Instruments TL7702BCDR Datasheet HTML 8Page - Texas Instruments TL7702BCDR Datasheet HTML 9Page - Texas Instruments TL7702BCDR Datasheet HTML 10Page - Texas Instruments TL7702BCDR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TL7702B, TL7705B, TL7733B
SUPPLY-VOLTAGE SUPERVISORS
SLVS037M – SEPTEMBER 1989 – REVISED MAY 2003
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
15 pF
(see Note B)
RESET
DUT
GND
5 V
RL
(see Note A)
RESET OUTPUT CONFIGURATION
VCC
5 V
DUT
RESET
RESET OUTPUT CONFIGURATION
NOTES: A. For IOL and IOH, RL = 10 kΩ. For all switching characteristics, RL = 511 Ω.
B. This figure includes jig and probe capacitance.
RL
(see Note A)
15 pF
(see Note B)
Figure 1. RESET and RESET Output Configurations
tw
5 V
2.5 V
0 V
RESIN
SENSE
VT + 2 V
WAVEFORMS
VT – 2 V
VT
tw
Figure 2. Input Pulse Definition
10%
VIT+
VIT–
VIT+
0 V
VIH
VIL
2 V
0.8 V
tPLH
50%
50%
10%
10%
90%
10%
td
SENSE
Undefined
RESET
Voltage
Fault
tf
tr
90%
tf
td
tr
RESIN
RESET
td
tPHL
10%
90%
90%
VOH
VOL
Figure 3. Voltage Waveforms
The TL7705BM is obsolete
and no longer is supplied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com