Electronic Components Datasheet Search
  English  ▼

X  

TL7733BCDR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TL7733BCDR
Description  SUPPLY-VOLTAGE SUPERVISORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7733BCDR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL7733BCDR Datasheet HTML 4Page - Texas Instruments TL7733BCDR Datasheet HTML 5Page - Texas Instruments TL7733BCDR Datasheet HTML 6Page - Texas Instruments TL7733BCDR Datasheet HTML 7Page - Texas Instruments TL7733BCDR Datasheet HTML 8Page - Texas Instruments TL7733BCDR Datasheet HTML 9Page - Texas Instruments TL7733BCDR Datasheet HTML 10Page - Texas Instruments TL7733BCDR Datasheet HTML 11Page - Texas Instruments TL7733BCDR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TL7702B, TL7705B, TL7733B
SUPPLY-VOLTAGE SUPERVISORS
SLVS037M – SEPTEMBER 1989 – REVISED MAY 2003
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 4
14
10
8
6
02
4
6
8
10
18
20
ASSERTION TIME
vs
LOAD RESISTANCE
16
12
RL – Load Resistance – kΩ
VCC = 5 V
CT = 0.1 µF
CL = 10 pF
TA = 25°C
RESET tr
RESET tf
Figure 5
400
200
100
0
02
4
6
8
10
600
700
DEASSERTION TIME
vs
LOAD RESISTANCE
500
300
RL – Load Resistance – kΩ
VCC = 5 V
CT = 0.1 µF
CL = 10 pF
TA = 25°C
RESET tf
RESET tr
RESET tr
RESET tf
Figure 6
24
18
12
6
0
25
50
75
100
125
30
36
ASSERTION TIME
vs
LOAD CAPACITANCE
150
175
200
VCC = 5 V
CT = 0.1 µF
RL = 4.7 kΩ
TA = 25°C
RESET tr
RESET tf
CL – Load Capacitance – pF
Figure 7
0.9
0.7
0.5
0.3
0
25
50
75
100
125
1.1
1.3
DEASSERTION TIME
vs
LOAD CAPACITANCE
150
175
200
1.7
1.5
1.9
2.1
VCC = 5 V
CT = 0.1 µF
RL = 4.7 kΩ
TA = 25°C
RESET tf and RESET tr
CL – Load Capacitance – pF
† For proper operation, both RESET and RESET should be terminated with resistors of similar value. Failure to do so may cause unwanted
plateauing in either output waveform during switching.
The TL7705BM is obsolete
and no longer is supplied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com