Electronic Components Datasheet Search
  English  ▼

X  

TRS211 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TRS211
Description  5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS211 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TRS211 Datasheet HTML 9Page - Texas Instruments TRS211 Datasheet HTML 10Page - Texas Instruments TRS211 Datasheet HTML 11Page - Texas Instruments TRS211 Datasheet HTML 12Page - Texas Instruments TRS211 Datasheet HTML 13Page - Texas Instruments TRS211 Datasheet HTML 14Page - Texas Instruments TRS211 Datasheet HTML 15Page - Texas Instruments TRS211 Datasheet HTML 16Page - Texas Instruments TRS211 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
24-Jul-2010
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
TRS211CDB
ACTIVE
SSOP
DB
28
50
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Contact TI Distributor
or Sales Office
TRS211CDBG4
ACTIVE
SSOP
DB
28
50
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Contact TI Distributor
or Sales Office
TRS211CDBR
ACTIVE
SSOP
DB
28
TBD
Call TI
Call TI
Purchase Samples
TRS211CDBRG4
ACTIVE
SSOP
DB
28
TBD
Call TI
Call TI
Purchase Samples
TRS211CDW
ACTIVE
SOIC
DW
28
TBD
Call TI
Call TI
Purchase Samples
TRS211CDWG4
ACTIVE
SOIC
DW
28
TBD
Call TI
Call TI
Purchase Samples
TRS211CDWR
ACTIVE
SOIC
DW
28
TBD
Call TI
Call TI
Purchase Samples
TRS211CDWRG4
ACTIVE
SOIC
DW
28
TBD
Call TI
Call TI
Purchase Samples
TRS211IDB
ACTIVE
SSOP
DB
28
TBD
Call TI
Call TI
Purchase Samples
TRS211IDBG4
ACTIVE
SSOP
DB
28
TBD
Call TI
Call TI
Purchase Samples
TRS211IDBR
ACTIVE
SSOP
DB
28
TBD
Call TI
Call TI
Purchase Samples
TRS211IDBRG4
ACTIVE
SSOP
DB
28
TBD
Call TI
Call TI
Purchase Samples
TRS211IDW
ACTIVE
SOIC
DW
28
TBD
Call TI
Call TI
Purchase Samples
TRS211IDWG4
ACTIVE
SOIC
DW
28
TBD
Call TI
Call TI
Purchase Samples
TRS211IDWR
ACTIVE
SOIC
DW
28
TBD
Call TI
Call TI
Purchase Samples
TRS211IDWRG4
ACTIVE
SOIC
DW
28
TBD
Call TI
Call TI
Purchase Samples
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com