Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 15 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 11Page - Texas Instruments THS4521 Datasheet HTML 12Page - Texas Instruments THS4521 Datasheet HTML 13Page - Texas Instruments THS4521 Datasheet HTML 14Page - Texas Instruments THS4521 Datasheet HTML 15Page - Texas Instruments THS4521 Datasheet HTML 16Page - Texas Instruments THS4521 Datasheet HTML 17Page - Texas Instruments THS4521 Datasheet HTML 18Page - Texas Instruments THS4521 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
2.5
2.0
1.5
1.0
0.5
0
0
20
40
60
80
100 120
160
180
200
Time(ns)
V
=3.3V
G=1V/V
R =1k
S+
F
W
R =200
L
W
V
Diff
OUT
PD
140
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
20
40
60
80
100 120
160
180
200
Time(ns)
140
V
=3.3V
G=1V/V
R =1k
S+
F
W
R =200
L
W
V
Diff
OUT
PD
100
10
1
0
10
100
1k
10k
100k
1M
Frequency(Hz)
Current
Noise
Voltage
Noise
120
100
80
60
40
20
0
20
-
1
10
100
1k
10k
100k
1M
10M 100M
Frequency(Hz)
0
45
90
135
-
-
-
Gain
Phase
-
20
25
30
35
40
45
50
55
60
-
-
-
-
-
-
-
-
100k
1M
10M
100M
Frequency(Hz)
G=0dB
0
5
10
15
20
-
-
-
-
100k
1M
10M
100M
1G
Frequency(Hz)
G=0dB
V
= 20dBm
IN
-
THS4521
THS4522
THS4524
www.ti.com
SBOS458D – DECEMBER 2008 – REVISED AUGUST 2010
TYPICAL CHARACTERISTICS: VS+ – VS– = 3.3 V (continued)
At VS+ = +3.3 V, VS– = 0 V, VOCM = open, VOUT = 2 VPP (differential), RL = 1 kΩ differential, G = 1 V/V, single-ended input,
differential output, and input and output referenced to midsupply, unless otherwise noted.
TURN-ON TIME
TURN-OFF TIME
Figure 19.
Figure 20.
INPUT-REFERRED VOLTAGE AND CURRENT NOISE
MAIN AMPLIFIER
SPECTRAL DENSITY
DIFFERENTIAL OPEN-LOOP GAIN AND PHASE
Figure 21.
Figure 22.
OUTPUT BALANCE ERROR
vs FREQUENCY
VOCM SMALL-SIGNAL FREQUENCY RESPONSE
Figure 23.
Figure 24.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com