Electronic Components Datasheet Search
  English  ▼

X  

CDCVF2505 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF2505
Description  3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCVF2505 Datasheet(HTML) 5 Page - Texas Instruments

  CDCVF2505 Datasheet HTML 1Page - Texas Instruments CDCVF2505 Datasheet HTML 2Page - Texas Instruments CDCVF2505 Datasheet HTML 3Page - Texas Instruments CDCVF2505 Datasheet HTML 4Page - Texas Instruments CDCVF2505 Datasheet HTML 5Page - Texas Instruments CDCVF2505 Datasheet HTML 6Page - Texas Instruments CDCVF2505 Datasheet HTML 7Page - Texas Instruments CDCVF2505 Datasheet HTML 8Page - Texas Instruments CDCVF2505 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CDCVF2505
3.3V CLOCK PHASELOCK LOOP CLOCK DRIVER
SCAS640E − JULY 2000 − REVISED MARCH 2005
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ESD information
ESD MODELS
LIMIT
Human Body Model (HBM)
2.0 kV
Machine Model (MM)
300 V
Charge Device Model (CDM)
1 kV
thermal information
CDCVF2505 8-PIN SOIC
THERMAL AIR FLOW (CFM)
UNIT
CDCVF2505 8-PIN SOIC
0
150
250
500
UNIT
RθJA
High K
97
87
83
77
°C/W
RθJA
Low K
165
126
113
97
°C/W
RθJC
High K
39
°C/W
RθJC
Low K
42
°C/W
CDCVF2505 8-PIN TSSOP
THERMAL AIR FLOW (CFM)
UNIT
CDCVF2505 8-PIN TSSOP
0
150
250
500
UNIT
RθJA
High K
149
142
138
132
°C/W
RθJA
Low K
230
185
170
150
°C/W
RθJC
High K
65
°C/W
RθJC
Low K
69
°C/W
TYPICAL CHARACTERISTICS
Figure 1
−1400
−1050
−700
−350
0
350
700
1050
1400
−30
−20
−10
0
10
20
30
tpd, PROPAGATION DELAY TIME
vs
DELTA LOAD (TYPICAL VALUES @ 3.3 V, 25
°C)
CLOCK FREQUENCY, f = 100 MHz
Delta Load − pF
CLKOUT = Yn =
25 pF || 500
Ω
3 pF || 500 Ω
NOTE: Delta Load = CLKOUT Load − Yn Load
Yn = 25 pF
Yn = 3 pF
CLKOUT
3 pF to 25 pF
CLKOUT
3 pF to 25 pF
−13
−4
Figure 2
0
100
200
300
400
500
25
50
75
100
125
150
175
200
f − Frequency − MHz
tpd, PROPAGATION DELAY TIME
vs
FREQUENCY (TYPICAL VALUES @ 3.3 V, 25
°C)
Load: CLKOUT = 12 pF || 500
Ω,
Yn = 25 pF || 500 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com