Electronic Components Datasheet Search
  English  ▼

X  

CDCVF2505DR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF2505DR
Description  3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCVF2505DR Datasheet(HTML) 4 Page - Texas Instruments

  CDCVF2505DR Datasheet HTML 1Page - Texas Instruments CDCVF2505DR Datasheet HTML 2Page - Texas Instruments CDCVF2505DR Datasheet HTML 3Page - Texas Instruments CDCVF2505DR Datasheet HTML 4Page - Texas Instruments CDCVF2505DR Datasheet HTML 5Page - Texas Instruments CDCVF2505DR Datasheet HTML 6Page - Texas Instruments CDCVF2505DR Datasheet HTML 7Page - Texas Instruments CDCVF2505DR Datasheet HTML 8Page - Texas Instruments CDCVF2505DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CDCVF2505
3.3V CLOCK PHASELOCK LOOP CLOCK DRIVER
SCAS640E − JULY 2000 − REVISED MARCH 2005
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature
MIN
NOM
MAX
UNIT
fclk
Clock frequency
24
200
MHz
Input clock duty cycle
24 MHz − 85 MHz (see Note 4)
30%
85%
Input clock duty cycle
86 MHz − 200 MHz
40%
50%
60%
Stabilization time (see Note 5)
100
µs
NOTES:
4. Ensured by design but not 100% production tested.
5. Time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. For phase lock to be
obtained, a fixed-frequency, fixed-phase reference signal must be present at CLKIN. Until phase lock is obtained, the specifications
for propagation delay, skew, and jitter parameters given in the switching characteristics table are not applicable. This parameter does
not apply for input modulation under SSC application.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VDD
MIN
TYP†
MAX
UNIT
VIK
Input voltage
II = −18 mA
3 V
−1.2
V
IOH = −100 µA
MIN to MAX
VDD−0.2
VOH
High-level output voltage
IOH = −12 mA
3 V
2.1
V
VOH
High-level output voltage
IOH = −6 mA
3 V
2.4
V
IOL = 100 µA
MIN to MAX
0.2
VOL
Low-level output voltage
IOL = 12 mA
3 V
0.8
V
VOL
Low-level output voltage
IOL = 6 mA
3 V
0.55
V
IOH
High-level output current
VO = 1 V
3 V
−27
mA
IOH
High-level output current
VO = 1.65 V
3.3 V
−36
mA
IOL
Low-level output current
VO = 2 V
3 V
27
mA
IOL
Low-level output current
VO = 1.65 V
3.3 V
40
mA
II
Input current
VI = 0 V or VDD
±5
µA
Ci
Input capacitance
VI = 0 V or VDD
3.3 V
4.2
pF
Co
Output capacitance
Yn
VI = 0 V or VDD
3.3 V
2.8
pF
Co
Output capacitance
CLKOUT
VI = 0 V or VDD
3.3 V
5.2
pF
† All typical values are at respective nominal VDD and 25°C.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 25 pF, VDD = 3.3 V ± 0.3 V (see Note 5)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tpd
Propagation delay (normalized (see Figure 3)
CLKIN to Yn, f= 66 MHz to 200 MHz
−150
150
ps
tsk(o)
Output skew (see Note 6)
Yn to Yn
150
ps
tc(jit_cc)
Jitter (cycle to cycle) (see Figure 5)
f = 66 MHz to 200 MHz
70
150
ps
tc(jit_cc)
Jitter (cycle to cycle) (see Figure 5)
f = 24 MHz to 50 MHz
200
400
ps
odc
Output duty cycle (see Figure 4)
f = 24 MHz to 200 MHz at 50% VDD
45%
55%
tr
Rise time
VO = 0.4 V to 2 V
0.5
2
ns
tf
Fall time
VO = 2 V to 0.4 V
0.5
2
ns
† All typical values are at respective nominal VDD and 25°C.
NOTE 6: The tsk(o) specification is only valid for equal loading of all outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com