Electronic Components Datasheet Search
  English  ▼

X  

PCA9534ADWG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # PCA9534ADWG4
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9534ADWG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCA9534ADWG4 Datasheet HTML 3Page - Texas Instruments PCA9534ADWG4 Datasheet HTML 4Page - Texas Instruments PCA9534ADWG4 Datasheet HTML 5Page - Texas Instruments PCA9534ADWG4 Datasheet HTML 6Page - Texas Instruments PCA9534ADWG4 Datasheet HTML 7Page - Texas Instruments PCA9534ADWG4 Datasheet HTML 8Page - Texas Instruments PCA9534ADWG4 Datasheet HTML 9Page - Texas Instruments PCA9534ADWG4 Datasheet HTML 10Page - Texas Instruments PCA9534ADWG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
0
1
1
1
A1
A2
A0
Slave Address
R/W
Fixed
Hardware
Selectable
0
0
0
0
B1
B0
0
0
PCA9534A
www.ti.com
SCPS141F – SEPTEMBER 2006 – REVISED JUNE 2010
Table 3. Interface Definition
BIT
BYTE
7 (MSB)
6
5
4
3
2
1
0 (LSB)
I2C slave address
L
H
H
H
A2
A1
A0
R/W
Px I/O data bus
P7
P6
P5
P4
P3
P2
P1
P0
Device Address
Figure 4 shows the address byte of the PCA9534A.
Figure 4. PCA9534A Address
Table 4. Address Reference
INPUTS
I2C BUS SLAVE ADDRESS
A2
A1
A0
L
L
L
56 (decimal), 38 (hexadecimal)
L
L
H
57 (decimal), 39 (hexadecimal)
L
H
L
58 (decimal), 3A (hexadecimal)
L
H
H
59 (decimal), 3B (hexadecimal)
H
L
L
60 (decimal), 3C (hexadecimal)
H
L
H
61 (decimal), 3D (hexadecimal)
H
H
L
62 (decimal), 3E (hexadecimal)
H
H
H
63 (decimal), 3F (hexadecimal)
The last bit of the slave address defines the operation (read or write) to be performed. When it is high (1), a read
is selected, while a low (0) selects a write operation.
Control Register and Command Byte
Following the successful acknowledgment of the address byte, the bus master sends a command byte which is
stored in the control register in the PCA9534A. Two bits of this command byte state the operation (read or write)
and the internal register (input, output, polarity inversion or configuration) that will be affected. This register can
be written or read through the I2C bus. The command byte is sent only during a write transmission.
Once a command byte has been sent, the register that was addressed continues to be accessed by reads until a
new command byte has been sent.
Figure 5. Control Register Bits
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): PCA9534A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com