Electronic Components Datasheet Search
  English  ▼

X  

MX44 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # MX44
Description  Compact Waterproof Automotive Connectors with Low Pin Counts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

MX44 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  MX44 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. MX44 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. MX44 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. MX44 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. MX44 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. MX44 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
1/6
MB-0185-1
June 2008
JAE PMK Div. Proprietary. Copyright © 2008,Japan Aviation Electronics Industry, Ltd.
Features
General Specifications
MX44 Series
Compact Waterproof Automotive Connectors with Low Pin Counts
•No. of Contacts: 2, 4, 6 pos
•Contact Resistance:
5m ohm max. (initial)
10m ohm max. (after test)
•Rated Current: 3A
•Insulation Resistance:
100M ohm min
•Waterproof: 98 kPa min. (initial)
•Vibration Proof: 30G (50 to 1000Hz)
each pole/ 3 Hours
•Applicable Cable: AVSS 0.3 to 0.5sq
•Operating Temperature:
-40 Deg. C to +125 Deg. C
JAE has developed the MX44 Series compact waterproof connector for automotive 
applications.
It has been made more compact by adopting a structure that closely presses the rubber
seals to mating surfaces. Due to the vibration absorption function of the rubber the
connector has an improved vibration resistance. Moreover, each contacts is individually
waterproof, making the connector suitable for use in harsh environments such as
engine areas.
•3.5 mm side pitch, 1row, compact waterproof board to wire connector
•Connector size reduced by waterproof structure with tight sealing rubber in the
mating area.
•Vibration resistance improved by rubber absorbing unsteadiness of connector and
contact.
•Adopts single contact waterproof structure which makes each contact separately
waterproof.
•Socket contact is a box type which is strong against external force, and contact area
adopts a proven double spring which is resistant to twisting.
•Contacts set in position by inserting retainer from wire side.
Retainer protects connector lock portion.
RoHS Compliant


Similar Part No. - MX44

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX440 ETC2-MX440 Datasheet
118Kb / 1P
PRECISION HIGH VOLTAGE RESISTORS
logo
Caddock Electronics, In...
MX440 CADDOCK-MX440 Datasheet
393Kb / 1P
Type MX Precision High Voltage Resistors
MX440 CADDOCK-MX440 Datasheet
368Kb / 1P
Type MX Precision High Voltage Resistors
logo
Japan Aviation Electron...
MX44000XP1 JAE-MX44000XP1 Datasheet
77Kb / 2P
Compact waterproof automotive connector with low pin counts, Wire seal
MX44000XP2 JAE-MX44000XP2 Datasheet
102Kb / 2P
Compact waterproof automotive connector with low pin counts, Wire seal
More results

Similar Description - MX44

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MI20-50RD-SF HIROSE-MI20-50RD-SF Datasheet
347Kb / 6P
Compact Flash Card Connectors(Complies with Compact Flash Association)
logo
Cyrustek corporation
ES51992 CYRUSTEK-ES51992 Datasheet
398Kb / 17P
11,000 Counts ADC
logo
List of Unclassifed Man...
M34S75C4F1 ETC2-M34S75C4F1 Datasheet
194Kb / 7P
Compact Automotive Connectors for PCB-to-Cable Applications
logo
Japan Aviation Electron...
MX23A JAE-MX23A Datasheet
229Kb / 7P
Compact Type Low-profiled Waterproof Connector
MX34 JAE-MX34 Datasheet
155Kb / 6P
Compact Automotive Connectors for PCB-to-Cable Applications
JN5 JAE-JN5 Datasheet
163Kb / 3P
Compact Waterproof Connectors
MX47 JAE-MX47 Datasheet
284Kb / 5P
Compact Waterproof Automotive Connectors
logo
Hirose Electric
DF63W HIROSE-DF63W Datasheet
224Kb / 6P
3.96mm pitch compact waterproof connectors for internal power supplies
logo
Cyrustek corporation
ES252 CYRUSTEK-ES252 Datasheet
874Kb / 36P
2000 Counts DMM
ES277 CYRUSTEK-ES277 Datasheet
463Kb / 25P
4000 Counts DMM
V 1.1 2016/08/16
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com