Electronic Components Datasheet Search
  English  ▼

X  

TLC5916IPW Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5916IPW
Description  8-BIT CONSTANT-CURRENT LED SINK DRIVERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5916IPW Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC5916IPW Datasheet HTML 17Page - Texas Instruments TLC5916IPW Datasheet HTML 18Page - Texas Instruments TLC5916IPW Datasheet HTML 19Page - Texas Instruments TLC5916IPW Datasheet HTML 20Page - Texas Instruments TLC5916IPW Datasheet HTML 21Page - Texas Instruments TLC5916IPW Datasheet HTML 22Page - Texas Instruments TLC5916IPW Datasheet HTML 23Page - Texas Instruments TLC5916IPW Datasheet HTML 24Page - Texas Instruments TLC5916IPW Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
www.ti.com
Overtemperature Detection and Shutdown
TLC5916, TLC5917
8-BIT CONSTANT-CURRENT LED SINK DRIVERS
SLVS695A – JUNE 2007 – REVISED MARCH 2008
TLC5916/TLC5917 is equipped with a global overtemperature sensor and eight individual, channel-specific,
overtemperature sensors.
• When the global sensor reaches the trip temperature, all output channels are shut down, and the error status
is stored in the internal Error Status register of every channel. After shutdown, the channels automatically
restart after cooling down, if the control signal (output latch) remains on. The stored error status is not reset
after cooling down and can be read out as the error status code in the Special Mode.
• When one of the channel-specific sensors reaches trip temperature, only the affected output channel is shut
down, and the error status is stored only in the internal Error Status register of the affected channel. After
shutdown, the channel automatically restarts after cooling down, if the control signal (output latch) remains
on. The stored error status is not reset after cooling down and can be read out as error status code in the
Special Mode.
For channel-specific overtemperature error detection, a channel must be on.
The error status code is reset when TLC5916/TLC5917 returns to Normal Mode.
Table 3. Overtemperature Detection(1)
STATE OF OUTPUT PORT
CONDITION
ERROR STATUS CODE
MEANING
Off
IOUT = 0 mA
0
On
Tj < Tj,trip global
1
Normal
On
→ all channels
Tj > Tj,trip global
All error status bits = 0
Global overtemperature
Off
Tj < Tj,trip channel n
1
Normal
On
On
→ Off
Tj > Tj,trip channel n
Channel n error status bit = 0
Channel n overtemperature
(1)
The global shutdown threshold temperature is approximately 170
°C.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TLC5916 TLC5917



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com