Electronic Components Datasheet Search
  English  ▼

X  

TS5A3166YZPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A3166YZPR
Description  0.9-廓 SPST ANALOG SWITCH
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A3166YZPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TS5A3166YZPR Datasheet HTML 12Page - Texas Instruments TS5A3166YZPR Datasheet HTML 13Page - Texas Instruments TS5A3166YZPR Datasheet HTML 14Page - Texas Instruments TS5A3166YZPR Datasheet HTML 15Page - Texas Instruments TS5A3166YZPR Datasheet HTML 16Page - Texas Instruments TS5A3166YZPR Datasheet HTML 17Page - Texas Instruments TS5A3166YZPR Datasheet HTML 18Page - Texas Instruments TS5A3166YZPR Datasheet HTML 19Page - Texas Instruments TS5A3166YZPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
TS5A3166
0.9 W SPST ANALOG SWITCH
SCDS186 − FEBRUARY 2005
www.ti.com
16
NO
COM
VNO
VCOM
Channel OFF: NO to COM
Network Analyzer Setup
Source Power = 0 dBm
(632-mV P-P at 50-
W load)
DC Bias = 350 mV
50
W
V+
GND
50
W
50
W
Network Analyzer
Source
Signal
IN
VI
+
VI = V+ or GND
Figure 19. OFF Isolation (OISO)
V+
GND
NO
IN
RGEN
VI
COM
VCOM
CL(1)
OFF
VCOM
ON
OFF
∆VCOM
VGEN
+
VI = VIH or VIL
CL = 1 nF
VGEN = 0 to V+
RGEN = 0
QC =CL×∆VCOM
Logic
Input(2)
VIH
VIL
Logic
Input
(VI)
(1) CL includes probe and jig capacitance.
(2) All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr < 5 ns, tf < 5 ns.
Figure 20. Charge Injection (QC)
GND
NO
COM
CL(1)
V+/2
IN
VI
600
W
600
W
Audio Analyzer
Source
Signal
RL = 600 Ω
CL = 50 pF
VSOURCE = V+ P-P
fSOURCE = 20 Hz to 20 kHz
Channel ON: COM to NO
VI = VIH or VIL
−V+/2
(1) CL includes probe and jig capacitance.
Figure 21. Total Harmonic Distortion (THD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com