Electronic Components Datasheet Search
  English  ▼

X  

TS12A44513 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TS12A44513
Description  LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS12A44513 Datasheet(HTML) 2 Page - Texas Instruments

  TS12A44513 Datasheet HTML 1Page - Texas Instruments TS12A44513 Datasheet HTML 2Page - Texas Instruments TS12A44513 Datasheet HTML 3Page - Texas Instruments TS12A44513 Datasheet HTML 4Page - Texas Instruments TS12A44513 Datasheet HTML 5Page - Texas Instruments TS12A44513 Datasheet HTML 6Page - Texas Instruments TS12A44513 Datasheet HTML 7Page - Texas Instruments TS12A44513 Datasheet HTML 8Page - Texas Instruments TS12A44513 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ABSOLUTE MINIMUM AND MAXIMUM RATINGS
(1) (2)
THERMAL IMPEDANCE
TS12A44513
,, TS12A44514,, TS12A44515
SCDS247 – OCTOBER 2008 ............................................................................................................................................................................................. www.ti.com
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Reel of 2500
TS12A44513DR
TS12A44513
SOIC – D
Reel of 2500
TS12A44514DR
TS12A44514
Reel of 2500
TS12A44515DR
TS12A44515
–40°C to 85°C
Reel of 2000
TS12A44513PWR
YD4513
TSSOP – PW
Reel of 2000
TS12A44514PWR
YD4514
Reel of 2000
TS12A44515PWR
YD4515
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
voltages referenced to GND
MIN
MAX
UNIT
V+
Supply voltage range
–0.3
13
V
VNC
VNO
Analog voltage range(3)
–0.3 V+ + 0.3
V
VCOM
INC
INO
Analog Current range
-20
20
mA
ICOM
Continuous current into any terminal
±20
mA
Peak current, NO or COM (pulsed at 1 ms, 10% duty cycle)
±30
mA
ESD per method 3015.7
2000
V
TA
Operating temperature range
–40
85
°C
D package
1.15
Mounted on JEDEC 4-layer board (JESD
PD
Power dissipation
W
51-7), No airflow, TA = 25°C, TJ = 125°C
PW package
0.88
Tstg
Storage temperature range
–65
150
°C
Lead temperature (soldering, 10 s)
300
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(3)
Voltages exceeding V+ or GND on any signal terminal are clamped by internal diodes. Limit forward-diode current to maximum current
rating.
UNIT
D package
133
Mounted on JEDEC 1-layer board (JESD 51-3),
No airflow
PW package
167
Thermal impedance,
θ
JA
°C/W
junction to free air
D package
86
Mounted on JEDEC 4-layer board (JESD 51-7),
No airflow
PW package
112
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TS12A44513 TS12A44514 TS12A44515



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com