Electronic Components Datasheet Search
  English  ▼

X  

B3511 Datasheet(PDF) 4 Page - EPCOS

Part # B3511
Description  SAW Components Low-Loss Filter for Telematics Application
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3511 Datasheet(HTML) 4 Page - EPCOS

  B3511 Datasheet HTML 1Page - EPCOS B3511 Datasheet HTML 2Page - EPCOS B3511 Datasheet HTML 3Page - EPCOS B3511 Datasheet HTML 4Page - EPCOS B3511 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Dec 12, 2005
SAW Components
B3511
1865,0 & 1895,0 MHz
Low-Loss Filter for Telematics Application
Data Sheet
Characteristics of Tx-filter 2
Operating temperature range:
T
= -40 to +85 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
—
1895,0
—
MHz
Maximum insertion attenuation
α
max
1880,0
...1910,0
MHz
—
1,8
3,0
dB
Amplitude ripple (p-p)
∆α
1880,0
...1910,0
MHz
—
0,7
1,7
dB
Input return loss
1880,0
...1910,0
MHz
9,0
10,0
—
dB
Output return loss
1880,0
...1910,0
MHz
9,0
10,0
—
dB
Attenuation
α
10,0
...1800,0
MHz
24,0
26,0
—
dB
1800,0
...1830,0
MHz
26,0
29,0
—
dB
1960,0
...1990,0
MHz
36,0
41,0
—
dB
2113,0
...2174,0
MHz
32,0
34,0
—
dB
2200,0
...3000,0
MHz
20,0
26,0
—
dB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com