Electronic Components Datasheet Search
  English  ▼

X  

B3513 Datasheet(PDF) 3 Page - EPCOS

Part # B3513
Description  SAW Components
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3513 Datasheet(HTML) 3 Page - EPCOS

  B3513 Datasheet HTML 1Page - EPCOS B3513 Datasheet HTML 2Page - EPCOS B3513 Datasheet HTML 3Page - EPCOS B3513 Datasheet HTML 4Page - EPCOS B3513 Datasheet HTML 5Page - EPCOS B3513 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
April 15, 2008
B3513
1960.0 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
TA = –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω (unbalanced)
Terminating load impedance:
ZL = 100 Ω (balanced)
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
1960.00
MHz
Maximum insertion attenuation
α
max
1930.00 ... 1990.00 MHz
3.5
4.2
dB
Amplitude ripple (p-p)
1930.00 ... 1990.00 MHz
1.8
2.7
dB
VSWR
1930.00 ... 1990.00 MHz
2.0
2.5
Attenuation
α
10.00 ... 1650.00 MHz
40
50
dB
1650.00 ... 1850.00 MHz
30
35
dB
1850.00 ... 1900.00 MHz
20
25
dB
2050.00 ... 2200.00 MHz
25
28
dB
2200.00 ... 2850.00 MHz
30
38
dB
2850.00 ... 4000.00 MHz
40
50
dB
Maximum ratings
Operable temperature range T
–45/+125 ˚C
Storage temperature range
Tstg
–45/+125 ˚C
DC voltage
VDC
5
V
Input power max.
PS
10
dBm
source and load impedance 50
peak of TDMA signal,
duty cycle 1 : 3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com