Electronic Components Datasheet Search
  English  ▼

X  

FR201 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # FR201
Description  FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FR201 Datasheet(HTML) 1 Page - Rectron Semiconductor

  FR201 Datasheet HTML 1Page - Rectron Semiconductor FR201 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FAST RECOVERY RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Fast switching
* Low leakage
* Low forward voltage drop
* High current capability
* High current surge
* High reliability
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.38 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
FR201
THRU
FR207
DO-15
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A
2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts
Dimensions in inches and (millimeters)
2001-5
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 75
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Volts
Volts
Volts
Amps
2.0
70
40
-65 to + 150
Amps
pF
0 C
50
35
50
100
200
140
70
100
200
400
280
400
600
420
600
600
420
600
800
560
800
1000
700
1000
1000
700
1000
UNITS
FR201 FR202 FR203 FR204 FR205 FR205P FR206 FR207 FR207P
150
at Rated DC Blocking Voltage TA = 25
oC
CHARACTERISTICS
Maximum Full Load Reverse Current Full Cycle Average,
.375” (9.5mm) lead length at TL = 55
oC
Maximum Reverse Recovery Time (Note 1)
VF
SYMBOL
IR
trr
UNITS
1.3
5.0
100
250
500
uAmps
uAmps
nSec
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 2.0A DC
Volts
FR201 FR202 FR203 FR204 FR205 FR205P FR206 FR207 FR207P
150
250
1.0 (25.4)
MIN.
.230 (5.8)
.300 (7.6)
1.0 (25.4)
MIN.
.140 (3.6)
.104 (2.6)
DIA.
.034 (0.9)
.028 (0.7)
DIA.


Similar Part No. - FR201

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR201 WTE-FR201 Datasheet
46Kb / 3P
2.0A FAST RECOVERY RECTIFIER
logo
Jinan Gude Electronic D...
FR201 JGD-FR201 Datasheet
141Kb / 2P
2.0 AMPS. FAST RECOVRY RECTIFIERS
logo
Bytes
FR201 BYTES-FR201 Datasheet
152Kb / 2P
2.0 AMP FAST RECOVERY RECTIFIERS
logo
Dc Components
FR201 DCCOM-FR201 Datasheet
443Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
More results

Similar Description - FR201

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR151 RECTRON-FR151 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
FR201G RECTRON-FR201G Datasheet
24Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
FR251 RECTRON-FR251 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.5 Amperes)
FR301 RECTRON-FR301 Datasheet
25Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
FR601 RECTRON-FR601 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
RL201 RECTRON-RL201 Datasheet
23Kb / 2P
SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
WILLAS ELECTRONIC CORP
FR201 WILLAS-FR201 Datasheet
250Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
Rectron Semiconductor
RL207-B RECTRON-RL207-B Datasheet
32Kb / 3P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
FR204-B RECTRON-FR204-B Datasheet
34Kb / 3P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
PACELEADER INDUSTRIAL
FR201 PACELEADER-FR201 Datasheet
495Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com