Electronic Components Datasheet Search
  English  ▼

X  

CDCE937PW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE937PW
Description  Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE937PW Datasheet(HTML) 3 Page - Texas Instruments

  CDCE937PW Datasheet HTML 1Page - Texas Instruments CDCE937PW Datasheet HTML 2Page - Texas Instruments CDCE937PW Datasheet HTML 3Page - Texas Instruments CDCE937PW Datasheet HTML 4Page - Texas Instruments CDCE937PW Datasheet HTML 5Page - Texas Instruments CDCE937PW Datasheet HTML 6Page - Texas Instruments CDCE937PW Datasheet HTML 7Page - Texas Instruments CDCE937PW Datasheet HTML 8Page - Texas Instruments CDCE937PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
EEPROM
Xin/CLK
Xout
VDD
GND
InputClock
Vctr
Vddout
VCXO
XO
LVCMOS
Y1
Y2
LV
CMOS
Pdiv1
10-Bit
Y3
Y4
Y5
Y6
LV
CMOS
Pdiv7
Pdiv6
LV
CMOS
LV
CMOS
Pdiv5
Pdiv4
LV
CMOS
LV
CMOS
Pdiv3
Pdiv2
7-Bit
LV
CMOS
Programming
and
SDA/SCL
Register
Y7
PLL Bypass
PLL1
withSSC
PLL Bypass
PLL 2
withSSC
PLL Bypass
PLL 3
withSSC
S0
S1/SDA
S2/SCL
7-Bit
7-Bit
7-Bit
7-Bit
7-Bit
CDCE937
CDCEL937
www.ti.com
SLAS564F – AUGUST 2007 – REVISED MARCH 2010
FUNCTIONAL BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VDD
Supply voltage range
–0.5 to 2.5
V
VI
Input voltage range(2) (3)
–0.5 to VDD + 0.5
V
VO
Output voltage range(2)
–0.5 to Vddout + 0.5
V
II
Input current (VI < 0, VI > VDD)
20
mA
IO
Continuous output current
50
mA
Tstg
Storage temperature range
–65 to 150
°C
TJ
Maximum junction temperature
125
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
SDA and SCL can go up to 3.6V as stated in the Recommended Operating Conditions table.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CDCE937 CDCEL937



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com