Electronic Components Datasheet Search
  English  ▼

X  

TL594 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL594
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUIT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL594 Datasheet(HTML) 2 Page - Texas Instruments

  TL594 Datasheet HTML 1Page - Texas Instruments TL594 Datasheet HTML 2Page - Texas Instruments TL594 Datasheet HTML 3Page - Texas Instruments TL594 Datasheet HTML 4Page - Texas Instruments TL594 Datasheet HTML 5Page - Texas Instruments TL594 Datasheet HTML 6Page - Texas Instruments TL594 Datasheet HTML 7Page - Texas Instruments TL594 Datasheet HTML 8Page - Texas Instruments TL594 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.ti.com
GND
REF
VCC
Reference
Regulator
C1
Pulse-Steering
Flip-Flop
C1
1D
FEEDBACK
DTC
CT
RT
PWM
Comparator
Error Amplifier 2
1
+
-
Error Amplifier 1
≈0.1 V
DTC
Comparator
Oscillator
OUTPUT CTRL
(see Function Table)
0.7 mA
E1
C2
E2
2
+
-
Undervoltage
Lockout
Control
IN+
IN-
IN+
IN-
6
5
1
2
16
15
3
14
7
12
10
11
9
8
13
4
TL594
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
SLVS052G – APRIL 1988 – REVISED JANUARY 2007
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PDIP – N
Tube of 25
TL594CN
TL594CN
Tube of 40
TL594CD
SOIC – D
TL594C
Reel of 2500
TL594CDR
0
°C to 70°C
SOP – NS
Reel of 2000
TL594CNSR
TL594
Tube of 90
TL594CPW
TSSOP – PW
T594
Reel of 2000
TL594CPWR
PDIP – N
Tube of 25
TL594IN
TL594IN
Tube of 40
TL594ID
SOIC – D
TL594I
Reel of 2500
TL594IDR
–40
°C to 85°C
SOP – NS
Reel of 2000
TL594INSR
TL594I
Tube of 90
TL594IPW
TSSOP – PW
Z594
Reel of 2000
TL594IPWR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLE
INPUT
OUTPUT FUNCTION
OUTPUT CTRL
VI = 0
Single-ended or parallel output
VI = Vref
Normal push-pull operation
FUNCTIONAL BLOCK DIAGRAM
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com