Electronic Components Datasheet Search
  English  ▼

X  

B3515 Datasheet(PDF) 3 Page - EPCOS

Part # B3515
Description  SAW Components
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3515 Datasheet(HTML) 3 Page - EPCOS

  B3515 Datasheet HTML 1Page - EPCOS B3515 Datasheet HTML 2Page - EPCOS B3515 Datasheet HTML 3Page - EPCOS B3515 Datasheet HTML 4Page - EPCOS B3515 Datasheet HTML 5Page - EPCOS B3515 Datasheet HTML 6Page - EPCOS B3515 Datasheet HTML 7Page - EPCOS B3515 Datasheet HTML 8Page - EPCOS B3515 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
November 16, 2009
B3515
1842.5/1960.0 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics Filter 1 (GSM1800)
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω (unbalanced)
Terminating load impedance:
ZL = 150 Ω (balanced) || 12 nH
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1842.5
—
MHz
Maximum insertion attenuation
α
max
1805.0
... 1880.0
MHz
—
2.6
3.0
dB
Amplitude ripple
1805.0
... 1880.0
MHz
—
1.2
1.6
dB
VSWR
1805.0
... 1880.0
MHz
—
2.2
2.4
Output amplitude balance
(|S31/S21|)
1805.0
... 1880.0
MHz
–1.5
1.5
dB
Output phase balance
(
φ(S31)−φ(S21)+180˚)
1805.0
... 1880.0
MHz
–15.0
15.0
degree
Attenuation
α
abs
10.00 ... 1000.00 MHz
40
50
—
dB
1000.00 ... 1700.00 MHz
26
30
—
dB
1700.00 ... 1785.00 MHz
10
17
—
dB
1920.00 ... 1980.00 MHz
15
20
—
dB
1980.00 ... 2030.00 MHz
24
28
—
dB
2030.00 ... 3000.00 MHz
30
32
—
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com