Electronic Components Datasheet Search
  English  ▼

X  

MMBTA55 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMBTA55
Description  PNP General Purpose Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBTA55 Datasheet(HTML) 1 Page - Micro Commercial Components

  MMBTA55 Datasheet HTML 1Page - Micro Commercial Components MMBTA55 Datasheet HTML 2Page - Micro Commercial Components MMBTA55 Datasheet HTML 3Page - Micro Commercial Components MMBTA55 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMBTA55
THRU
MMBTA56
PNP General
Purpose Amplifier
Features
•
This device is designed for general purpose amplifier applications at
collector current to 300mA
•
Marking : MMBTA55=2H/B55, MMBTA56=2GM/B56
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
MMBTA55
MMBTA56
60
80
V
VCBO
Collector-Base Voltage
MMBTA55
MMBTA56
60
80
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Collector Current, Continuous
500
mA
TJ
Operating Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Thermal Characteristics
Symbol
Rating
Max
Unit
PD
Total Device Dissipation*
Derate above 25
OC
225
1.8
mW
mW/
OC
RJA
Thermal Resistance, Junction to Ambient
556
OC/W
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(1)
(IC=1.0mAdc, IB=0)
MMBTA55
MMBTA56
60
80
---
---
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(I E=100ì Adc, IC=0)
4.0
---
Vdc
ICBO
Collector Cutoff Current
(VCB=60Vdc, IE=0)
MMBTA55
(VCB=80Vdc, IE=0)
MMBTA56
---
---
0.1
0.1
uAdc
uAdc
ICES
Emitter Cutoff Current
(VCE=60Vdc, IB=0)
---
0.1
uAdc
ON CHARACTERISTICS
hFE
DC Current Gain
(VCE=1.0Vdc, IC=10mAdc)
(VCE=1.0Vdc, IC=100mA)
100
100
---
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=100mAdc, IB=10mAdc)
---
0.25
Vdc
VBE(on)
Base-Emitter On Voltage
(IC=100mAdc, VCE=1.0Vdc)
---
1.2
Vdc
fT
Current-Gain—Bandwidth Product
(2)
(IC=100mAdc, VCE=1.0Vdc, f=100MHz)
50
---
MHz
* FR-5=1.0 X 0.75 X 0.062 in.
1. Pulse Test: Pulse Width<300us, Duty Cycle<2.0%
2. Alumina=0.4 X 0.3 X 0.024 in. 99.5% alumina.
SOT-23
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
Revision: 5
2008/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
E
B
C
www.mccsemi.com
1 of 4
•
Case Material:Molded Plastic. UL Flammability
Classificatio Rating 94-0 and MSL Rating 1


Similar Part No. - MMBTA55

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA55 ONSEMI-MMBTA55 Datasheet
58Kb / 4P
Driver Transistors(PNP Silicon)
March, 2004 ??Rev. 3
logo
Transys Electronics
MMBTA55 TRSYS-MMBTA55 Datasheet
140Kb / 1P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Samsung semiconductor
MMBTA55 SAMSUNG-MMBTA55 Datasheet
27Kb / 1P
PNP (DRIVER TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA55 FAIRCHILD-MMBTA55 Datasheet
1Mb / 13P
PNP General Purpose Amplifier
logo
Diodes Incorporated
MMBTA55 DIODES-MMBTA55 Datasheet
47Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30054 Rev. 4 - 2
More results

Similar Description - MMBTA55

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
PNP General Purpose Amplifier
2N4403 FAIRCHILD-2N4403 Datasheet
42Kb / 7P
PNP General Purpose Amplifier
BC212L FAIRCHILD-BC212L Datasheet
313Kb / 7P
PNP General Purpose Amplifier
BSR16 FAIRCHILD-BSR16 Datasheet
47Kb / 4P
PNP General Purpose Amplifier
BSR18A FAIRCHILD-BSR18A Datasheet
74Kb / 6P
PNP General Purpose Amplifier
FSB6726 FAIRCHILD-FSB6726 Datasheet
23Kb / 3P
PNP General Purpose Amplifier
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com