Electronic Components Datasheet Search
  English  ▼

X  

CS1500 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS1500
Description  Digital Power Factor Correction IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1500 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS1500 Datasheet HTML 2Page - Cirrus Logic CS1500 Datasheet HTML 3Page - Cirrus Logic CS1500 Datasheet HTML 4Page - Cirrus Logic CS1500 Datasheet HTML 5Page - Cirrus Logic CS1500 Datasheet HTML 6Page - Cirrus Logic CS1500 Datasheet HTML 7Page - Cirrus Logic CS1500 Datasheet HTML 8Page - Cirrus Logic CS1500 Datasheet HTML 9Page - Cirrus Logic CS1500 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
CS1500
6
DS849A7
Jul ?$shortyear>
CONFIDENTIAL
385
390
395
400
405
410
415
420
425
-50
0
50
100
150
Temperature (°C)
OVP
Normal
Min Freq
Max Freq
TEMP (oC)
0
10
20
30
40
50
60
70
80
90
100
-60
-40
-20
0
20
40
60
80
100
120
140
0
2
4
6
8
10
12
14
-60
-40
-20
0
40
100
120
140
Gate Resistor (R
OH, ROL) Temp (
oC)
Source
Sink
V
DD = 13 V
I
source = 100 mA
I
sink = 200 mA
20
60
80
-50
0
50
100
150
TEM P (oC)
Start-up
Standby
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Operating
V
DD = 13 V
C
L = 1 nF
f
SW(max) = 70 kHz
Start-up
Standby
Figure 5. Supply Current (ISB, IST, IDD) vs. Temp
Figure 6. Min/Max Operating Frequency vs. Temp
Figure 7. Gate Resistance (ROH, ROL) vs. Temp
Figure 8. OVP vs. Temp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com