Electronic Components Datasheet Search
  English  ▼

X  

SA5532 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SA5532
Description  DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SA5532 Datasheet(HTML) 4 Page - Texas Instruments

  SA5532 Datasheet HTML 1Page - Texas Instruments SA5532 Datasheet HTML 2Page - Texas Instruments SA5532 Datasheet HTML 3Page - Texas Instruments SA5532 Datasheet HTML 4Page - Texas Instruments SA5532 Datasheet HTML 5Page - Texas Instruments SA5532 Datasheet HTML 6Page - Texas Instruments SA5532 Datasheet HTML 7Page - Texas Instruments SA5532 Datasheet HTML 8Page - Texas Instruments SA5532 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
OPERATING CHARACTERISTICS
NE5532, NE5532A
SA5532, SA5532A
SLOS075I – NOVEMBER 1979 – REVISED APRIL 2009................................................................................................................................................... www.ti.com
VCC± = ±15 V, TA = 25°C (unless otherwise noted)
NE5532, SA5532
NE5532A, SA5532A
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
SR
Slew rate at unity gain
9
9
V/
µs
VI = 100 mV, RL = 600 Ω,
Overshoot factor
10
10
%
AVD = 1, CL = 100 pF
f = 30 Hz
8
8
10
Vn
Equivalent input noise voltage
nV/
√Hz
f = 1 kHz
5
5
6
f = 30 Hz
2.7
2.7
In
Equivalent input noise current
pA/
√Hz
f = 1 kHz
0.7
0.7
4
Submit Documentation Feedback
Copyright © 1979–2009, Texas Instruments Incorporated
Product Folder Link(s): NE5532 NE5532A SA5532 SA5532A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com