Electronic Components Datasheet Search
  English  ▼

X  

B3574 Datasheet(PDF) 2 Page - EPCOS

Part # B3574
Description  Low Loss Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3574 Datasheet(HTML) 2 Page - EPCOS

  B3574_1 Datasheet HTML 1Page - EPCOS B3574_1 Datasheet HTML 2Page - EPCOS B3574_1 Datasheet HTML 3Page - EPCOS B3574_1 Datasheet HTML 4Page - EPCOS B3574_1 Datasheet HTML 5Page - EPCOS B3574_1 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Sep 05, 2002
SAW Components
B3574
868,30 MHz
Low Loss Filter
Data Sheet
Features
q
RF low-loss filter for remote control receivers
q
Package for Surface Mounted Technology
(SMT)
q
Balanced and unbalanced operation possible
Terminals
q
Ni, gold plated
Pin configuration
1
Input
2
Input Ground or balanced input
5
Output
6
Output Ground or balanced output
7
External coupling coil
4,8
Case-Ground
3
to be grounded
Electrostactic Sensitive Device (ESD)
Type
Ordering code
Marking and package ac-
cording too
Packing
according to
B3574
B39871-B3574-U310
C61157–A7–A56
F61074–V8070–Z000
Maximum ratings
Operable temperature range
TA
– 45/+ 95
˚C
Storage temperature range
Tstg
– 45/+ 95
˚C
DC voltage
VDC
0V
Source power
PS
0
dBm
typ. dimensions in mm, approx. weight 0,1 g
Ceramic package QCC8C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com