Electronic Components Datasheet Search
  English  ▼

X  

MPSA55 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MPSA55
Description  PNP Silicon Amplifier Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MPSA55 Datasheet(HTML) 1 Page - Micro Commercial Components

  MPSA55 Datasheet HTML 1Page - Micro Commercial Components MPSA55 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MPSA55
MPSA56
PNP Silicon
Amplifier Transistor
TO-92
Features
•
Capable of 1.5Watts of Power Dissipation.
•
Collector-current 500mA
•
Collector-base Voltage 80V
•
Operating and storage junction temperature range: -55
OC to +150OC
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
80
V
VCBO
Collector-Base Voltage
80
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Collector Current Continuous
500
mA
PD
Total Device Dissipation @TA=25
OC
Derate above 25
OC
625
5.0
mW
mW/
OC
PD
Total Device Dissipation @TA=25
OC
Derate above 25
OC
1.5
12
W
mW/
OC
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(1)
(IC=1.0mAdc, IB=0)
MPSA55
MPSA56
60
80
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=100uAdc, IC=0)
4.0
Vdc
ICES
Collector Cutoff Current
(VCE=60Vdc, IB=0)
0.1
uAdc
ICBO
Collector Cutoff Current
(VCB=60Vdc, IE=0)
MPSA55
(VCB=80Vdc, IE=0)
MPSA56
0.1
0.1
uAdc
ON CHARACTERISTICS
(1)
hFE(1)
DC Current Gain
(IC=10mAdc, VCE=1.0Vdc)
100
hFE(2)
DC Current Gain
(IC=100mAdc, VCE=1.0Vdc)
100
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=100mAdc, IB=10mAdc)
0.25
Vdc
VBE(on)
Base-Emitter Saturation Voltage
(IC=100mAdc, VCE=1.0Vdc)
1.2
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Current-Gain – Bandwidth Product
(3)
(IC=100mAdc, VCE=1.0Vdc,
f=100MHz)
MPSA55
MPSA56
50
MHz
1.
Pulse Test: Pulse Width<300us, Duty Cycle<2.0%
2.
fT is defined as the frequency at which |hfe| extrapolates to unity.
A
E
B
C
D
G
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
6
200
8/02/01
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.170
.190
4.33
4.83
B
.170
.190
4.30
4.83
C
.550
.590
13.97
14.97
D
.010
.020
0.36
0.56
E
.130
.160
3.30
3.96
G
.010
.104
2.44
2.64
TM
Micro Commercial Components
CB
E
Marking:MPSA55,MPSA56
www.mccsemi.com
1 of 2
• Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
and MSL Rating 1
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)


Similar Part No. - MPSA55

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA55 MOTOROLA-MPSA55 Datasheet
239Kb / 6P
Amplifier Transistors
logo
ON Semiconductor
MPSA55 ONSEMI-MPSA55 Datasheet
111Kb / 8P
Amplifier Transistors
October, 2001 ??Rev. 1
logo
Fairchild Semiconductor
MPSA55 FAIRCHILD-MPSA55 Datasheet
1Mb / 13P
PNP General Purpose Amplifier
logo
KEC(Korea Electronics)
MPSA55 KEC-MPSA55 Datasheet
58Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO FREQUENCY AMPLIFIER)
logo
Micro Commercial Compon...
MPSA55 MCC-MPSA55 Datasheet
340Kb / 1P
PNP Silicon Amplifier Transistor
More results

Similar Description - MPSA55

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5087 ONSEMI-2N5087 Datasheet
300Kb / 8P
Amplifier Transistor(PNP Silicon)
November, 2001 ??Rev. 1
logo
Motorola, Inc
2N5400 MOTOROLA-2N5400 Datasheet
177Kb / 6P
Amplifier Transistor(PNP Silicon)
logo
ON Semiconductor
MPS4126 ONSEMI-MPS4126 Datasheet
38Kb / 4P
Amplifier Transistor(PNP Silicon)
November, 2001 ??Rev. 2
MPSA70 ONSEMI-MPSA70 Datasheet
427Kb / 8P
Amplifier Transistor(PNP Silicon)
1996
MPSL51 ONSEMI-MPSL51 Datasheet
187Kb / 6P
Amplifier Transistor(PNP Silicon)
1996
logo
Micro Commercial Compon...
MPSA55 MCC-MPSA55 Datasheet
340Kb / 1P
PNP Silicon Amplifier Transistor
logo
ON Semiconductor
2N5087 ONSEMI-2N5087_07 Datasheet
156Kb / 7P
Amplifier Transistor PNP Silicon
March, 2007 ??Rev. 4
MPS4126 ONSEMI-MPS4126_06 Datasheet
43Kb / 3P
Amplifier Transistor PNP Silicon
March, 2006 ??Rev. 3
logo
Unisonic Technologies
MMBTA56 UTC-MMBTA56 Datasheet
116Kb / 5P
AMPLIFIER TRANSISTOR PNP SILICON TRANSISTOR
logo
Micro Commercial Compon...
MPSA55 MCC-MPSA55_11 Datasheet
218Kb / 2P
PNP Silicon Amplifier Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com