Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC574ADGVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC574ADGVR
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC574ADGVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC574ADGVR Datasheet HTML 4Page - Texas Instruments SN74LVC574ADGVR Datasheet HTML 5Page - Texas Instruments SN74LVC574ADGVR Datasheet HTML 6Page - Texas Instruments SN74LVC574ADGVR Datasheet HTML 7Page - Texas Instruments SN74LVC574ADGVR Datasheet HTML 8Page - Texas Instruments SN74LVC574ADGVR Datasheet HTML 9Page - Texas Instruments SN74LVC574ADGVR Datasheet HTML 10Page - Texas Instruments SN74LVC574ADGVR Datasheet HTML 11Page - Texas Instruments SN74LVC574ADGVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
SN54LVC574A, SN74LVC574A
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCAS301R − JANUARY 1993 − REVISED MARCH 2005
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
FROM
TO
SN74LVC574A
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25°C
−40 TO 85
°C
−40 TO 125
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
1.8 V
± 0.15 V
55
55
40
f
2.5 V
± 02 V
95
95
80
MHz
fmax
2.7 V
150
150
150
MHz
3.3 V
± 0.3 V
150
150
150
1.8 V
± 0.15 V
1.0
7.1
21.5
1
21.6
1.0
21.6
t
CLK
Q
2.5 V
± 0.2 V
1.0
4.9
10.0
1
10.5
1.0
10.5
ns
tpd
CLK
Q
2.7 V
1.0
5.0
7.8
1
8
1.0
8.0
ns
3.3 V
± 0.3 V
2.2
4.6
6.8
2.2
7
2.2
7.0
1.8 V
± 0.15 V
1.0
6.6
19.0
1
19.5
1.0
19.5
t
OE
Q
2.5 V
± 0.2 V
1.0
4.8
10.0
1
10.5
1.0
10.5
ns
ten
OE
Q
2.7 V
1.0
5.5
8.3
1
8.5
1.0
8.5
ns
3.3 V
± 0.3 V
1.5
4.4
7.3
1.5
7.5
1.5
7.5
1.8 V
± 0.15 V
1.0
5.4
18.3
1
18.8
1.0
18.8
t
OE
Q
2.5 V
± 0.2 V
1.0
3.0
7.3
1
7.8
1.0
7.8
ns
tdis
OE
Q
2.7 V
1.0
4.0
6.8
1
7
1.0
7.3
ns
3.3 V
± 0.3 V
1.7
3.9
6.2
1.7
6.4
1.7
6.6
tsk(o)
3.3 V
± 0.3 V
1
1
ns
operating characteristics, TA = 25°C
PARAMETER
TEST
CONDITIONS
VCC
TYP
UNIT
1.8 V
25
Outputs enabled
2.5 V
29
C d
Power dissipation capacitance per flip flop
p
f=10MHz
3.3 V
30
pF
Cpd
Power dissipation capacitance per flip−flop
f = 10 MHz
1.8 V
9
pF
Outputs disabled
2.5 V
9
p
3.3 V
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com