Electronic Components Datasheet Search
  English  ▼

X  

SI2301 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SI2301
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SI2301 Datasheet(HTML) 2 Page - Micro Commercial Components

  SI2301 Datasheet HTML 1Page - Micro Commercial Components SI2301 Datasheet HTML 2Page - Micro Commercial Components SI2301 Datasheet HTML 3Page - Micro Commercial Components SI2301 Datasheet HTML 4Page - Micro Commercial Components SI2301 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics T
A = 25 C unless otherwise noted
Parameter
Symbol
Min
Units
Off Characteristics
Drain-Source Breakdown Voltage
Zero Gate Voltage Drain Current
Gate Body Leakage Current, Forward
Forward Transconductance
Gate Threshold Voltage
Static Drain-Source
On-Resistance
BVDSS
IDSS
IGSSR
IGSSF
120
80
-0.45
-100
100
-1
m
Ω
V
nA
nA
µ
A
V
S
Gate Body Leakage Current, Reverse
On Characteristics c
Dynamic Characteristics d
Input Capacitance
Reverse Transfer Capacitance
Output Capacitance
Switching Characteristics d
Turn-On Delay Time
Turn-Off Fall Time
Turn-Off Delay Time
Turn-On Rise Time
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Drain-Source Diode Characteristics and Maximun Ratings
Drain-Source Diode Forward Current b
Drain-Source Diode Forward Voltage c
Test Condition
VGS =0V,ID = -250µA
VGS(th)
RDS(on)
gFS
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
Qg
Qgs
Qgd
IS
VSD
Typ
Max
-20
VDS = -20V, VGS =0V
VGS =8V, VDS =0V
VGS = -8V, VDS =0V
VGS =VDS,ID = -250µA
VGS = -4.5V, ID = -2.8A
VGS = -2.5V, ID = -2.0A
VDS = -5V, ID = -2.8A
VDD = -6V, ID = -1A,
VGS = -4.5V, RGEN =6Ω
VDS = -6V, ID = -2.8A,
VGS = -4.5V
VDS = -6V, VGS =0V,
f = 1.0 MHz
VGS =0V,IS = -0.75A
880
270
175
11
5
32
23
20
10
65
45
11
1.5
2.1
14.5
-0.75
-1.2
8
150
110
m
Ω
pF
pF
pF
ns
ns
ns
ns
nC
nC
nC
A
V
Notes :
a.Repetitive Rating : Pulse width limited by maximum junction temperature.
b.Surface Mounted on FR4 Board,t<5 sec.
c.Pulse Test : Pulse Width < 300µs, Duty Cycle < 2%.
d.Guaranteed by design, not subject to production testing.
SI2301
Micro Commercial Components
MCC
TM
Revision:
3
200
8/01/15
www.mccsemi.com
2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com