Electronic Components Datasheet Search
  English  ▼

X  

TLV431 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV431
Description  LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV431 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV431 Datasheet HTML 7Page - Texas Instruments TLV431 Datasheet HTML 8Page - Texas Instruments TLV431 Datasheet HTML 9Page - Texas Instruments TLV431 Datasheet HTML 10Page - Texas Instruments TLV431 Datasheet HTML 11Page - Texas Instruments TLV431 Datasheet HTML 12Page - Texas Instruments TLV431 Datasheet HTML 13Page - Texas Instruments TLV431 Datasheet HTML 14Page - Texas Instruments TLV431 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
TLV431, TLV431A, TLV431B
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
SLVS139T − JULY 1996 − REVISED JUNE 2007
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION†
Figure 6
CATHODE CURRENT
vs
CATHODE VOLTAGE
15
10
5
0
−5
−10
−15
− 1
− 0.5
0
0.5
1
1.5
VKA = VREF
TA = 25°C
VKA − Cathode Voltage − V
Figure 7
CATHODE CURRENT
vs
CATHODE VOLTAGE
250
200
150
100
50
0
− 200
− 250
− 1
− 0.5
0
0.5
1
1.5
VKA − Cathode Voltage − V
−50
− 100
− 150
VKA = VREF
TA = 25°C
Figure 8
20
10
0
30
OFF-STATE CATHODE CURRENT
vs
JUNCTION TEMPERATURE
(for TLV431 and TLV431A)
40
− 50
− 25
0
25
50
75
100
125
TJ − Junction Temperature − °C
VKA = 5 V
VREF = 0
150
OFF-STATE CATHODE CURRENT
vs
JUNCTION TEMPERATURE
(for TLV431B)
0
500
1000
1500
2000
2500
3000
−50
−25
0
25
50
75
100
125
150
VKA = 6 V
VREF = 0
Figure 8B
Figure 8A
TJ − Junction Temperature − °C
† Operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com