| Electronic Components Datasheet Search |
|
TRS3222CPWR Datasheet(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TRS3222CPWR Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 17 page ![]() www.ti.com RECEIVER SECTION Electrical Characteristics (1) Switching Characteristics (1) TRS3222 3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ±15-kV ESD PROTECTION SLLS815 – JULY 2007 over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 5) PARAMETER TEST CONDITIONS MIN TYP(2) MAX UNIT VOH High-level output voltage IOH = –1 mA VCC – 0.6 VCC – 0.1 V VOL Low-level output voltage IOH = 1.6 mA 0.4 V VCC = 3.3 V 1.5 2.4 VIT+ Positive-going input threshold voltage V VCC = 5 V 1.8 2.4 VCC = 3.3 V 0.6 1.2 VIT– Negative-going input threshold voltage V VCC = 5 V 0.8 1.5 Vhys Input hysteresis (VIT+ – VIT– ) 0.3 V Ioff Output leakage current EN = VCC ±0.05 ±10 μA rI Input resistance VI = ±3 V to ±25 V 3 5 7 k Ω (1) Test conditions are C1–C4 = 0.1 μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V. (2) All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C. over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP(2) MAX UNIT tPLH Propagation delay time, low- to high-level output CL = 150 pF, See Figure 3 300 ns tPHL Propagation delay time, high- to low-level output CL = 150 pF, See Figure 3 300 ns CL = 150 pF, RL = 3 kΩ, ten Output enable time 200 ns See Figure 4 CL = 150 pF, RL = 3 kΩ, tdis Output disable time 200 ns See Figure 4 tsk(p) Pulse skew(3) See Figure 3 300 ns (1) Test conditions are C1–C4 = 0.1 μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V. (2) All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C. (3) Pulse skew is defined as |tPLH – tPHL| of each channel of the same device. 6 Submit Documentation Feedback |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |