Electronic Components Datasheet Search
  English  ▼

X  

TIP125 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # TIP125
Description  Silicon PNP Darlington Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

TIP125 Datasheet(HTML) 1 Page - Micro Commercial Components

  TIP125 Datasheet HTML 1Page - Micro Commercial Components TIP125 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TIP125/126/127
Silicon PNP
Darlington
Features
•
The complementary NPN types are the TIP121/2/3 respectively
TO-220
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
Revision:
5
200
8/01/01
TM
Micro Commercial Components
1 of 2
Power Transistors
Absolute Maximum Ratings @ Ta = 25
℃(unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
TIP125
TIP126
TIP127
Collector-base voltage (Open emitter)
-60
-80
-100
V
VCEO
TIP125
TIP126
TIP127
Collector-emitter voltage (Open base)
-60
-80
-100
V
VEBO
Emitter-base Voltage(Open collector)
-5
V
IC
Collector Current
-5
A
ICM
Collector Current Pulse
-8
A
IB
Base Current
-0.12
A
Total Device Dissipation(Ta=2
5℃)
2
W
PC
Total Device Dissipation(Tc=2
5℃)
40
W
TJ
Junction Temperature
150
℃
TSTG
Storage Temperature Range
-65 to +150
℃
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
VCEO(SUS)
TIP125
TIP126
TIP127
Collector-emitter sustaining voltage
( IC=-100mA; IB=0)
-60
-80
-100
V
VCE(sat)
Collector-emitter Saturation Voltage
( IC=-3A IB=-0.012A )
( IC=-5A IB=-0.02A )
-2.0
-4.0
V
VBE
Base-emitter Voltage
( IC=-3A ; VCE=-3V )
-2.5
V
ICBO
TIP125
TIP126
TIP127
Collector cut-off current
( VCB=-60V, IE=0)
( VCB=-80V, IE=0)
( VCB=-100V, IE=0)
-0.2
mA
ICEO
TIP125
TIP126
TIP127
Collector cut-off current
(VCE=-30V; VEB=0)
(VCE=-40V; VEB=0)
(VCE=-50V; VEB=0)
-0.5
mA
IEBO
Emitter cut-off current
(VEB=-5V; IC=0)
-2.0
mA
Hfe
DC current gain
(IC=-0.5A ; VCE=-3V)
(IC=-3.0A ; VCE=-3V)
1000
1000
COB
Output capacitance
( IE=0 ; VCB=-10V,f=0.1MHz )
300
PF
PIN 1.
BASE
PIN 2.
COLLECTOR
PIN 3.
EMITTER
G
R
B
Q
H
U
L
D
C
J
K
A
F
S
T
1
3
2
N
V
MIN
MAX
NOTE
A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
C
.140
.190
3.56
4.82
D
.020
.045
0.51
1.14
F
.139
.161
3.53
4.09
∅
G
.190
.110
2.29
2.79
H
---
.250
---
6.35
J
.012
.025
0.30
0.64
K
.500
.580
12.70
14.73
L
.045
.060
1.14
1.52
N
.190
.210
4.83
5.33
Q
.100
.135
2.54
3.43
R
.080
.115
2.04
2.92
S
.045
.055
1.14
1.39
T
.230
.270
5.84
6.86
U
-----
.050
-----
1.27
V
.045
-----
1.15
-----
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
• Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
and MSL Rating 1
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Marking : part number


Similar Part No. - TIP125

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP125 MOSPEC-TIP125 Datasheet
206Kb / 4P
POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Motorola, Inc
TIP125 MOTOROLA-TIP125 Datasheet
251Kb / 6P
DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Power Innovations Ltd
TIP125 POINN-TIP125 Datasheet
105Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP125 STMICROELECTRONICS-TIP125 Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
logo
Fairchild Semiconductor
TIP125 FAIRCHILD-TIP125 Datasheet
45Kb / 4P
Medium Power Linear Switching Applications
More results

Similar Description - TIP125

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6667 ONSEMI-2N6667 Datasheet
168Kb / 6P
DARLINGTON POWER TRANSISTORS(PNP SILICON )
April, 2002 ??Rev. 4
logo
NEC
2SB795 NEC-2SB795 Datasheet
149Kb / 3P
PNP SILICON DARLINGTON POWER TRANSISTORS
logo
Savantic, Inc.
2SB1255 SAVANTIC-2SB1255 Datasheet
122Kb / 3P
Silicon PNP Darlington Power Transistors
logo
Micro Commercial Compon...
TIP125 MCC-TIP125_11 Datasheet
224Kb / 2P
Silicon PNP Darlington Power Transistors
logo
Inchange Semiconductor ...
2SB1559 ISC-2SB1559 Datasheet
161Kb / 4P
Silicon PNP Darlington Power Transistors
2SB1625 ISC-2SB1625 Datasheet
142Kb / 3P
Silicon PNP Darlington Power Transistors
2SB1626 ISC-2SB1626 Datasheet
133Kb / 3P
Silicon PNP Darlington Power Transistors
2SB1647 ISC-2SB1647 Datasheet
139Kb / 3P
Silicon PNP Darlington Power Transistors
logo
Savantic, Inc.
2SB1588 SAVANTIC-2SB1588 Datasheet
144Kb / 3P
Silicon PNP Darlington Power Transistors
2SB1625 SAVANTIC-2SB1625 Datasheet
143Kb / 3P
Silicon PNP Darlington Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com