Electronic Components Datasheet Search
  English  ▼

X  

B3727 Datasheet(PDF) 3 Page - EPCOS

Part # B3727
Description  SAW RF filter Short range devices
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3727 Datasheet(HTML) 3 Page - EPCOS

  B3727 Datasheet HTML 1Page - EPCOS B3727 Datasheet HTML 2Page - EPCOS B3727 Datasheet HTML 3Page - EPCOS B3727 Datasheet HTML 4Page - EPCOS B3727 Datasheet HTML 5Page - EPCOS B3727 Datasheet HTML 6Page - EPCOS B3727 Datasheet HTML 7Page - EPCOS B3727 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
March 22, 2010
B3727
433.92 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50Ω
Terminating load impedance:
ZL =50Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
433.92
—
MHz
Maximum insertion attenuation
α
max
433.22 ...
434.62 MHz
—
2.8
3.7
dB
433.12 ...
434.72 MHz
—
2.8
3.8
dB
433.10 ...
434.70 MHz1)
1) Temperature range for specification: T = –
30 ˚C to +70 ˚C
—
2.8
3.7
dB
Amplitude ripple (p-p)
∆α
433.12 ...
434.72 MHz
—
0.4
1.3
dB
433.10 ...
434.70 MHz1)
—
0.4
1.3
dB
Input VSWR
433.12 ...
434.72 MHz
—
1.6
2.0
433.10 ...
434.70 MHz1)
—
1.6
1.9
Output VSWR
433.12 ...
434.72 MHz
—
1.6
2.0
433.10 ...
434.70 MHz1)
—
1.6
1.9
Attenuation
α
10.00 ...
400.00 MHz
57
62
—
dB
400.00 ...
415.00 MHz
50
57
—
dB
415.00 ...
425.00 MHz
43
48
—
dB
425.00 ...
429.00 MHz
21
27
—
dB
439.00 ...
442.00 MHz
122)
2) T = +25˚C : 20 dB
22
—
dB
442.00 ...
445.00 MHz
28
32
—
dB
445.00 ...
452.00 MHz
30
35
—
dB
452.00 ...
750.00 MHz
48
52
—
dB
750.00 ... 1900.00 MHz
43
48
—
dB
1900.00 ... 2500.00 MHz
32
37
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com