Electronic Components Datasheet Search
  English  ▼

X  

B3728 Datasheet(PDF) 3 Page - EPCOS

Part # B3728
Description  SAW RF filter Short range devices
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3728 Datasheet(HTML) 3 Page - EPCOS

  B3728 Datasheet HTML 1Page - EPCOS B3728 Datasheet HTML 2Page - EPCOS B3728 Datasheet HTML 3Page - EPCOS B3728 Datasheet HTML 4Page - EPCOS B3728 Datasheet HTML 5Page - EPCOS B3728 Datasheet HTML 6Page - EPCOS B3728 Datasheet HTML 7Page - EPCOS B3728 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
July 27, 2009
B3728
915.00 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Reference temperature for specification:
T
= +25 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
915.00
—
MHz
Maximum insertion attenuation
α
max
902.00 ...
928.00 MHz
—
2.2
2.6
dB
Amplitude ripple (p-p)
∆α
902.00 ...
928.00 MHz
—
1.4
1.8
dB
VSWR
Input
902.00 ...
928.00 MHz
—
1.7
2.0
Output
902.00 ...
928.00 MHz
—
1.8
2.0
Attenuation
10.00 ...
800.00 MHz
35
38
—
dB
800.00 ...
888.00 MHz
39
41
—
dB
888.00 ...
890.00 MHz
35
40
—
dB
890.00 ...
894.00 MHz
15
22
—
dB
940.00 ...
941.00 MHz
45
53
—
dB
941.00 ...
967.00 MHz
50
52
—
dB
967.00 ... 1350.00 MHz
40
42
—
dB
1350.00 ... 1600.00 MHz
35
37
—
dB
1600.00 ... 2000.00 MHz
30
33
—
dB
2000.00 ... 2500.00 MHz
28
31
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com