Electronic Components Datasheet Search
  English  ▼

X  

TUSB1105 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1105
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1105 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB1105 Datasheet HTML 8Page - Texas Instruments TUSB1105 Datasheet HTML 9Page - Texas Instruments TUSB1105 Datasheet HTML 10Page - Texas Instruments TUSB1105 Datasheet HTML 11Page - Texas Instruments TUSB1105 Datasheet HTML 12Page - Texas Instruments TUSB1105 Datasheet HTML 13Page - Texas Instruments TUSB1105 Datasheet HTML 14Page - Texas Instruments TUSB1105 Datasheet HTML 15Page - Texas Instruments TUSB1105 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
www.ti.com
Dynamic Electrical Characteristics for Analog I/O Pins (D+, D–)
(1)
Dynamic Electrical Characteristics for Analog I/O Pins (D+, D–)
(1)
MGS96 3
10%
90%
90%
10%
VOL
VOH
tFR,tLR
tFF,tLF
MG S96 6
Logic Input
Differential
Data Lines
1.8 V
0 V
VOH
VOL
0.9 V
0.9 V
VOL + 0.3 V
VOH − 0.3 V
VCRS
tPZH
tPZL
tPHZ
tPLZ
MGS9 64
VOL
Logic Output
VOH
Differential
Data Lines
0.9 V
VCRS
VCRS
1.8 V
0 V
tPLH(drv)
tPHL(drv)
0.9 V
MGS965
VOL
Logic Output
VOH
0.8 V
Differential
Data Lines
2.0 V
VCRS
0.9 V
0.9 V
VCRS
tPLH(rcv)
tPLH(se)
tPHL(rcv)
tPHL(se)
TUSB1105, TUSB1106
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
SCAS818D – MAY 2006 – REVISED FEBRUARY 2008
Receiver Timing, Full-Speed and Low-Speed Mode, Differential Receiver
over recommended ranges of operating free-air temperature and supply voltage, VCC = 4 V to 5.5 V or Vreg(3.3) = 3 V to 3.6 V,
VCC(I/O) = 1.65 V to 3.6 V, VGND = 0 V, see Table 10 for valid voltage level combinations, TA = –40°C to 85°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tPLH(rcv)
LOW to HIGH (see Figure 3)
15
Propagation delay (D+, D– to RCV)
ns
tPHL(rcv)
HIGH to LOW (see Figure 3)
15
(1)
Test circuit, see Figure 13
Receiver Timing, Full-Speed and Low-Speed Mode, Single-Ended Receiver
over recommended ranges of operating free-air temperature and supply voltage, VCC = 4 V to 5.5 V or Vreg(3.3) = 3 V to 3.6 V,
VCC(I/O) = 1.65 V to 3.6 V, VGND = 0 V, see Table 10 for valid voltage level combinations, TA = –40°C to 85°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tPLH(se)
LOW to HIGH (see Figure 3)
18
Propagation delay (D+, D– to VP, VM)
ns
tPHL(se)
HIGH to LOW (see Figure 3)
18
(1)
Test circuit, see Figure 13
Figure 1. Rise and Fall Times
Figure 2. OE to D+, D–
Figure 3. D+, D– to RCV, VP, VM
Figure 4. VO/VPO, FSE0/VMO to D+, D–
12
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TUSB1105 TUSB1106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com