Electronic Components Datasheet Search
  English  ▼

X  

TUSB3210PM Datasheet(PDF) 32 Page - Texas Instruments

Part # TUSB3210PM
Description  Universal Serial Bus General-Purpose Device Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210PM Datasheet(HTML) 32 Page - Texas Instruments

Back Button TUSB3210PM Datasheet HTML 28Page - Texas Instruments TUSB3210PM Datasheet HTML 29Page - Texas Instruments TUSB3210PM Datasheet HTML 30Page - Texas Instruments TUSB3210PM Datasheet HTML 31Page - Texas Instruments TUSB3210PM Datasheet HTML 32Page - Texas Instruments TUSB3210PM Datasheet HTML 33Page - Texas Instruments TUSB3210PM Datasheet HTML 34Page - Texas Instruments TUSB3210PM Datasheet HTML 35Page - Texas Instruments TUSB3210PM Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
www.ti.com
2.9.3
VECINT: Vector Interrupt Register
TUSB3210
Universal Serial Bus
General-Purpose Device Controller
SLLS466F – FEBRUARY 2001 – REVISED AUGUST 2007
This register contains a vector value identifying the internal interrupt source that trapped to location 0003h.
Writing any value to this register removes the vector and updates the next vector value (if another interrupt
is pending). Note that the vector value is offset. Therefore, its value is in increments of two (bit 0 is set to
0). When no interrupt is pending, the vector is set to 00h. Table 2-8 is a table of the vector interrupt
values. As shown, the interrupt vector is divided into two fields; I[2:0] and G[3:0]. The I-field defines the
interrupt source within a group (on a first-come, first-served basis) and the G-field defines the group
number. Group G0 is the lowest and G15 is the highest priority.
7
6
5
4
3
2
1
0
G3
G2
G1
G0
I2
I1
I0
RSV
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/O
BIT
NAME
RESET
FUNCTION
0
RSV
0
Reserved
3–1
I[2:0]
000
This field defines the interrupt source in a given group. See Table 2-8: Vector Interrupt Values. Bit 0 is
always 0; therefore, vector values are offset by two.
7–4
G[3:0]
0000
This field defines the interrupt group. I[2:0] and G[3:0] combine to produce the actual interrupt vector.
Table 2-8. Vector Interrupt Values
G[3:0] (Hex)
I[2:0] (Hex)
VECTOR (Hex)
INTERRUPT SOURCE
0
0
00
No interrupt
1
0
10
RESERVED
1
1
12
Output endpoint-1
1
2
14
Output endpoint-2
1
3
16
Output endpoint-3
1
4–7
18–1E
RESERVED
2
0
20
RESERVED
2
1
22
Input endpoint-1
2
2
24
Input endpoint-2
2
3
26
Input endpoint-3
2
4–7
28–2E
RESERVED
3
0
30
STPOW packet received
3
1
32
SETUP packet received
3
2
34
PWON interrupt
3
3
36
PWOFF interrupt
3
4
38
RESR interrupt
3
5
3A
SUSR interrupt
3
6
3C
RSTR interrupt
3
7
3E
RESERVED
4
0
40
I2C TXE interrupt
4
1
42
I2C RXF interrupt
4
2
44
Input endpoint-0
4
3
46
Output endpoint-0
4
4–7
48–4E
RESERVED
5–F
X
90–FE
RESERVED
Functional Description
32
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com