Electronic Components Datasheet Search
  English  ▼

X  

TUSB1106RTZR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1106RTZR
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1106RTZR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TUSB1106RTZR Datasheet HTML 16Page - Texas Instruments TUSB1106RTZR Datasheet HTML 17Page - Texas Instruments TUSB1106RTZR Datasheet HTML 18Page - Texas Instruments TUSB1106RTZR Datasheet HTML 19Page - Texas Instruments TUSB1106RTZR Datasheet HTML 20Page - Texas Instruments TUSB1106RTZR Datasheet HTML 21Page - Texas Instruments TUSB1106RTZR Datasheet HTML 22Page - Texas Instruments TUSB1106RTZR Datasheet HTML 23Page - Texas Instruments TUSB1106RTZR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-Jul-2010
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
TUSB1105RGTR
ACTIVE
QFN
RGT
16
3000
TBD
Call TI
Call TI
Request Free Samples
TUSB1105RGTRG4
ACTIVE
QFN
RGT
16
3000
TBD
Call TI
Call TI
Request Free Samples
TUSB1105RTZR
ACTIVE
WQFN
RTZ
16
3000
TBD
Call TI
Call TI
Request Free Samples
TUSB1105RTZRG4
ACTIVE
WQFN
RTZ
16
3000
TBD
Call TI
Call TI
Request Free Samples
TUSB1106PWR
ACTIVE
TSSOP
PW
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Request Free Samples
TUSB1106PWRG4
ACTIVE
TSSOP
PW
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Request Free Samples
TUSB1106RGTR
ACTIVE
QFN
RGT
16
3000
TBD
Call TI
Call TI
Request Free Samples
TUSB1106RGTRG4
ACTIVE
QFN
RGT
16
3000
TBD
Call TI
Call TI
Request Free Samples
TUSB1106RSVR
ACTIVE
UQFN
RSV
16
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Request Free Samples
TUSB1106RSVRG4
ACTIVE
UQFN
RSV
16
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Request Free Samples
TUSB1106RTZR
ACTIVE
WQFN
RTZ
16
3000
TBD
Call TI
Call TI
Request Free Samples
TUSB1106RTZRG4
ACTIVE
WQFN
RTZ
16
3000
TBD
Call TI
Call TI
Request Free Samples
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com