Electronic Components Datasheet Search
  English  ▼

X  

SS12T3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # SS12T3
Description  12 V, 4.0 A, Low VCE(sat) NPN Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS12T3 Datasheet(HTML) 1 Page - ON Semiconductor

  SS12T3 Datasheet HTML 1Page - ON Semiconductor SS12T3 Datasheet HTML 2Page - ON Semiconductor SS12T3 Datasheet HTML 3Page - ON Semiconductor SS12T3 Datasheet HTML 4Page - ON Semiconductor SS12T3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2009
August, 2009 − Rev. 5
1
Publication Order Number:
NSS12201L/D
NSS12201LT1G
12 V, 4.0 A, Low VCE(sat)
NPN Transistor
ON Semiconductor’s e2PowerEdge family of low VCE(sat)
transistors are miniature surface mount devices featuring ultra low
saturation voltage (VCE(sat)) and high current gain capability. These
are designed for use in low voltage, high speed switching applications
where affordable efficient energy control is important.
Typical applications are DC−DC converters and power management
in portable and battery powered products such as cellular and cordless
phones, PDAs, computers, printers, digital cameras and MP3 players.
Other applications are low voltage motor controls in mass storage
products such as disc drives and tape drives. In the automotive
industry they can be used in air bag deployment and in the instrument
cluster. The high current gain allows e2PowerEdge devices to be
driven directly from PMU’s control outputs, and the Linear Gain
(Beta) makes them ideal components in analog amplifiers.
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Max
Unit
Collector-Emitter Voltage
VCEO
12
Vdc
Collector-Base Voltage
VCBO
12
Vdc
Emitter-Base Voltage
VEBO
6.0
Vdc
Collector Current − Continuous
IC
2.0
A
Collector Current − Peak
ICM
4.0
A
Electrostatic Discharge
ESD
HBM Class 3B
MM Class C
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Max
Unit
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25°C
PD (Note 1)
460
3.7
mW
mW/°C
Thermal Resistance,
Junction−to−Ambient
RqJA (Note 1)
270
°C/W
Total Device Dissipation
TA = 25°C
Derate above 25°C
PD (Note 2)
540
4.3
mW
mW/°C
Thermal Resistance,
Junction−to−Ambient
RqJA (Note 2)
230
°C/W
Junction and Storage
Temperature Range
TJ, Tstg
−55 to
+150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR−4 @ 100 mm2, 1 oz. copper traces.
2. FR−4 @ 500 mm2, 1 oz. copper traces.
Device
Package
Shipping†
ORDERING INFORMATION
NSS12201LT1G
SOT−23
(Pb−Free)
3000/Tape & Reel
MARKING DIAGRAM
SOT−23 (TO−236)
CASE 318
STYLE 6
3
2
1
http://onsemi.com
12 VOLTS, 4.0 AMPS
NPN LOW VCE(sat) TRANSISTOR
EQUIVALENT RDS(on) 35 mW
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
1
VF M G
G
VF = Specific Device Code
M
= Date Code*
G
= Pb−Free Package
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
COLLECTOR
3
1
BASE
2
EMITTER
(Note: Microdot may be in either location)


Similar Part No. - SS12T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SS12T3 ONSEMI-SS12T3 Datasheet
63Kb / 4P
Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS12T3 ONSEMI-SS12T3 Datasheet
64Kb / 4P
Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS12T3 ONSEMI-SS12T3 Datasheet
58Kb / 4P
Power MOSFET 170 mAmps, 100 Volts
March, 2005 ??Rev. 5
SS12T3 ONSEMI-SS12T3 Datasheet
63Kb / 6P
12 V, 3 A, Low VCE(sat) PNP Transistor
June, 2005 ??Rev. 0
SS12T3 ONSEMI-SS12T3 Datasheet
102Kb / 5P
12 V, 6.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
More results

Similar Description - SS12T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS12200LT1G ONSEMI-NSS12200LT1G Datasheet
102Kb / 5P
12 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS40200LT1G ONSEMI-NSS40200LT1G Datasheet
102Kb / 5P
40 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS12501UW3T2G ONSEMI-NSS12501UW3T2G Datasheet
88Kb / 5P
12 V, 7.0 A, Low VCE(sat) NPN Transistor
May, 2007 - Rev. 2
NSS12601CF8T1G ONSEMI-NSS12601CF8T1G Datasheet
88Kb / 6P
12 V, 8.0 A, Low VCE(sat) NPN Transistor
May, 2007 - Rev. 1
NSS20201LT1G ONSEMI-NSS20201LT1G Datasheet
131Kb / 5P
20 V, 4.0 A, Low VCE(sat) NPN Transistor
August, 2009 ??Rev. 5
NSS40201LT1G ONSEMI-NSS40201LT1G Datasheet
131Kb / 5P
40 V, 4.0 A, Low VCE(sat) NPN Transistor
August, 2009 ??Rev. 5
NSS60201LT1G ONSEMI-NSS60201LT1G Datasheet
81Kb / 5P
60 V, 4.0 A, Low VCE(sat) NPN Transistor
December, 2007 - Rev. 1
NSS12200LT1G ONSEMI-NSS12200LT1G_09 Datasheet
132Kb / 5P
12 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2009 ??Rev. 3
NSV40200LT1G ONSEMI-NSV40200LT1G Datasheet
119Kb / 6P
40 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2013 ??Rev. 13
NSS20201LT1G ONSEMI-NSS20201LT1G_11 Datasheet
135Kb / 6P
20 V, 4.0 A, Low VCE(sat) NPN Transistor
November, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com