Electronic Components Datasheet Search
  English  ▼

X  

SS12T3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SS12T3
Description  12 V, 8.0 A, Low VCE(sat) NPN Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS12T3 Datasheet(HTML) 2 Page - ON Semiconductor

  SS12T3 Datasheet HTML 1Page - ON Semiconductor SS12T3 Datasheet HTML 2Page - ON Semiconductor SS12T3 Datasheet HTML 3Page - ON Semiconductor SS12T3 Datasheet HTML 4Page - ON Semiconductor SS12T3 Datasheet HTML 5Page - ON Semiconductor SS12T3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NSS12601CF8T1G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typical
Max
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
(IC = 10 mAdc, IB = 0)
V(BR)CEO
12
-
-
Vdc
Collector-Base Breakdown Voltage
(IC = 0.1 mAdc, IE = 0)
V(BR)CBO
12
-
-
Vdc
Emitter-Base Breakdown Voltage
(IE = 0.1 mAdc, IC = 0)
V(BR)EBO
6.0
-
-
Vdc
Collector Cutoff Current
(VCB = 12 Vdc, IE = 0)
ICBO
-
-
0.1
mAdc
Emitter Cutoff Current
(VEB = 6.0 Vdc)
IEBO
-
-
0.1
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 3)
(IC = 10 mA, VCE = 2.0 V)
(IC = 500 mA, VCE = 2.0 V)
(IC = 1.0 A, VCE = 2.0 V)
(IC = 2.0 A, VCE = 2.0 V)
(IC = 3.0 A, VCE = 2.0 V)
hFE
200
200
200
200
200
-
-
395
-
-
-
-
-
-
-
Collector-Emitter Saturation Voltage (Note 3)
(IC = 0.1 A, IB = 0.010 A)
(IC = 1.0 A, IB = 0.100 A)
(IC = 1.0 A, IB = 0.010 A)
(IC = 2.0 A, IB = 0.020 A)
(IC = 3.0 A, IB = 0.030 A)
(IC = 4.0 A, IB = 0.400 A)
VCE(sat)
-
-
-
-
-
-
0.007
0.030
0.045
0.055
0.080
0.090
0.010
0.050
0.060
0.070
0.110
0.120
V
Base-Emitter Saturation Voltage (Note 3)
(IC = 1.0 A, IB = 0.01 A)
VBE(sat)
-
0.760
0.900
V
Base-Emitter Turn-on Voltage (Note 3)
(IC = 1.0 A, VCE = 2.0 V)
VBE(on)
-
0.720
0.900
V
Cutoff Frequency
(IC = 100 mA, VCE = 5.0 V, f = 100 MHz)
fT
140
-
-
MHz
Input Capacitance (VEB = 0.5 V, f = 1.0 MHz)
Cibo
-
-
1000
pF
Output Capacitance (VCB = 3.0 V, f = 1.0 MHz)
Cobo
-
-
200
pF
SWITCHING CHARACTERISTICS
Delay (VCC = 10 V, IC = 750 mA, IB1 = 15 mA)
td
-
-
110
ns
Rise (VCC = 10 V, IC = 750 mA, IB1 = 15 mA)
tr
-
-
140
ns
Storage (VCC = 10 V, IC = 750 mA, IB1 = 15 mA)
ts
-
-
550
ns
Fall (VCC = 10 V, IC = 750 mA, IB1 = 15 mA)
tf
-
-
140
ns
3. Pulsed Condition: Pulse Width = 300
msec, Duty Cycle ≤ 2%.
TYPICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com