Electronic Components Datasheet Search
  English  ▼

X  

F92 Datasheet(PDF) 2 Page - Nichicon corporation

Part # F92
Description  SOLID TANTALUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

F92 Datasheet(HTML) 2 Page - Nichicon corporation

  F92 Datasheet HTML 1Page - Nichicon corporation F92 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
*1 : ∆C/C
Item
P Case (%)
A , B Case(%)
Damp Heat
±20
±10
Tempereature cycles
±10
± 5
Resistance soldering heat
±10
± 5
Surge
±10
± 5
Endurance
±10
±10
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F92
Standard Ratings
1
P
F921A105MPA
0.5
8
12.0
*
1.5
P
F921A155MPA
0.5
8
12.0
*
2.2
P
F921A225MPA
0.5
8
12.0
*
3.3
P
F921A335MPA
0.5
8
12.0
*
3.3
A
F921A335MAA
0.5
6
7.0
*
4.7
P
F921A475MPA
0.5
8
6.0
*
4.7
A
F921A475MAA
0.5
6
4.0
*
6.8
P
F921A685MPA
0.7
8
6.0
*
6.8
A
F921A685MAA
0.7
6
4.0
*
10
P
F921A106MPA
1.0
14
6.0
*
10
A
F921A106MAA
1.0
8
4.0
*
15
A
F921A156MAA
1.5
8
4.0
*
22
A
F921A226MAA
2.2
14
4.0
±15
22
B
F921A226MBA
2.2
8
1.9
*
33
B
F921A336MBA
3.3
12
1.9
*
47
B
F921A476MBA
4.7
18
1.9
±15
2.2
P
F920J225MPA
0.5
8
12.0
*
3.3
P
F920J335MPA
0.5
8
12.0
*
4.7
P
F920J475MPA
0.5
8
6.0
*
6.8
P
F920J685MPA
0.5
10
6.0
*
10
P
F920J106MPA
0.6
10
6.0
*
10
A
F920J106MAA
0.6
8
4.0
*
15
P
F920J156MPA
0.9
10
6.0
*
15
A
F920J156MAA
0.9
8
4.0
*
22
P
F920J226MPA
1.4
20
5.0
*
22
A
F920J226MAA
1.4
12
2.8
*
33
A
F920J336MAA
2.1
12
2.8
*
33
B
F920J336MBA
2.1
12
1.7
*
47
A
F920J476MAA
3.0
18
2.8
±15
47
B
F920J476MBA
3.0
12
1.7
*
100
B
F920J107MBA
6.3
20
1.3
±15
3.3
P
F920G335MPA
0.5
8
12.0
*
4.7
P
F920G475MPA
0.5
8
6.0
*
6.8
P
F920G685MPA
0.5
10
6.0
*
10
P
F920G106MPA
0.5
10
6.0
*
10
A
F920G106MAA
0.5
8
4.0
*
15
P
F920G156MPA
0.6
10
5.0
*
22
P
F920G226MPA
0.9
20
5.0
*
22
A
F920G226MAA
0.9
12
2.8
*
33
P
F920G336MPA
1.3
20
4.0
*
33
A
F920G336MAA
1.3
12
2.8
*
47
A
F920G476MAA
1.9
18
2.8
*
47
B
F920G476MBA
1.9
12
1.7
*
68
A
F920G686MAA
2.7
25
2.8
±15
68
B
F920G686MBA
2.7
18
1.5
*
100
A
F920G107MAA
4.0
30
2.8
±15
100
B
F920G107MBA
4.0
18
1.3
*
150
B
F920G157MBA
6.0
25
1.3
±15
4V
6.3
V
0.22
A
F921V224MAA
0.5
4
10.0
*
0.33
A
F921V334MAA
0.5
4
10.0
*
0.47
A
F921V474MAA
0.5
4
10.0
*
1
A
F921V105MAA
0.5
6
10.0
*
2.2
B
F921V225MBA
0.8
6
4.0
±10
3.3
B
F921V335MBA
1.2
10
4.0
±10
1
P
F921E105MPA
0.5
8
20.0
*
1
A
F921E105MAA
0.5
6
10.0
*
2.2
A
F921E225MAA
0.6
8
10.0
±15
2.2
B
F921E225MBA
0.6
6
4.0
*
4.7
A
F921E475MAA
1.2
10
7.0
±10
4.7
B
F921E475MBA
1.2
6
3.0
*
0.47
P
F921D474MPA
0.5
8
20.0
*
0.47
A
F921D474MAA
0.5
4
10.0
*
0.68
A
F921D684MAA
0.5
4
10.0
*
1
P
F921D105MPA
0.5
8
20.0
*
1
A
F921D105MAA
0.5
4
10.0
*
1.5
A
F921D155MAA
0.5
6
7.4
*
2.2
A
F921D225MAA
0.5
6
7.0
*
4.7
A
F921D475MAA
0.9
10
7.0
±10
4.7
B
F921D475MBA
0.9
6
3.0
*
10
B
F921D106MBA
2.0
8
3.0
±10
0.47
P
F921C474MPA
0.5
8
20.0
*
0.68
P
F921C684MPA
0.5
8
12.0
*
1
P
F921C105MPA
0.5
8
12.0
*
1.5
P
F921C155MPA
0.5
8
12.0
*
2.2
P
F921C225MPA
0.5
8
12.0
*
2.2
A
F921C225MAA
0.5
6
7.0
*
3.3
A
F921C335MAA
0.5
6
7.0
*
4.7
A
F921C475MAA
0.8
6
7.0
*
4.7
B
F921C475MBA
0.8
6
3.0
*
6.8
B
F921C685MBA
1.1
6
3.0
*
10
A
F921C106MAA
1.6
8
7.0
±15
10
B
F921C106MBA
1.6
6
2.0
*
22
B
F921C226MBA
3.5
12
2.0
±15
10V
16V
20V
25V
35V
*1
∆C/C
(%)
Part Number
Leakage
Current
(µA)
Disspation
Factor
(%@120Hz)
Case
code
ESR
(
Ω@100kHz)
Rated Volt
Rated
Capacitance
(µF)
*1
∆C/C
(%)
Part Number
Leakage
Current
(µA)
Disspation
Factor
(%@120Hz)
Case
code
ESR
(
Ω@100kHz)
Rated Volt
Rated
Capacitance
(µF)
CAT.8100Y



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com