Electronic Components Datasheet Search
  English  ▼

X  

EP3SL70 Datasheet(PDF) 35 Page - Altera Corporation

Part # EP3SL70
Description  Stratix III Device Handbook, Volume 2
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL70 Datasheet(HTML) 35 Page - Altera Corporation

Back Button EP3SL70 Datasheet HTML 31Page - Altera Corporation EP3SL70 Datasheet HTML 32Page - Altera Corporation EP3SL70 Datasheet HTML 33Page - Altera Corporation EP3SL70 Datasheet HTML 34Page - Altera Corporation EP3SL70 Datasheet HTML 35Page - Altera Corporation EP3SL70 Datasheet HTML 36Page - Altera Corporation EP3SL70 Datasheet HTML 37Page - Altera Corporation EP3SL70 Datasheet HTML 38Page - Altera Corporation EP3SL70 Datasheet HTML 39Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–25
Switching Characteristics
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Figure 1–3 shows the LVDS Soft-CDR/ DPA sinusoidal jitter tolerance specifications
for Stratix III devices.
Table 1–27 lists the LVDS Soft-CDR/ DPA sinusiodal jitter mask values for Stratix III
devices.
External Memory Interface Specifications
The following sections describe the external memory I/O timing specifications and
the DLL and DQS block specifications.
f For more information about the maximum clock rate support for external memory
interfaces with a half-rate or full-rate controller, refer to Section III: System Performance
Specifications of the External Memory Interfaces Handbook.
External Memory I/O Timing Specifications
Table 1–28 and Table 1–29 list Stratix III device timing uncertainties on the read and
write data paths. Use these specifications to determine timing margins for source
synchronous paths between the Stratix III FPGA and the external memory device. For
more information, refer to the figure for “SW (sampling window)” in the “Glossary”
on page 1–326.
Figure 1–3. LVDS Soft-CDR/DPA Sinusiodal Jitter Tolerance Specification for Stratix III Devices
Table 1–27. LVDS Soft-CDR/DPA Sinusoidal Jitter Mask Values for Stratix III Devices
Jitter Frequency (Hz)
Jitter Amplitude
Unit
F1
10,000
25.000
UI
F2
17,565
25.000
UI
F3
1,493,000
0.350
UI
F4
50,000,000
0.350
UI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com