Electronic Components Datasheet Search
  English  ▼

X  

EP3SL150 Datasheet(PDF) 27 Page - Altera Corporation

Part # EP3SL150
Description  Stratix III Device Handbook, Volume 2
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL150 Datasheet(HTML) 27 Page - Altera Corporation

Back Button EP3SL150 Datasheet HTML 23Page - Altera Corporation EP3SL150 Datasheet HTML 24Page - Altera Corporation EP3SL150 Datasheet HTML 25Page - Altera Corporation EP3SL150 Datasheet HTML 26Page - Altera Corporation EP3SL150 Datasheet HTML 27Page - Altera Corporation EP3SL150 Datasheet HTML 28Page - Altera Corporation EP3SL150 Datasheet HTML 29Page - Altera Corporation EP3SL150 Datasheet HTML 30Page - Altera Corporation EP3SL150 Datasheet HTML 31Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–17
Switching Characteristics
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
DSP Block Specifications
Table 1–21 lists the Stratix III DSP block performance specifications.
Table 1–21. DSP Block Performance Specifications for Stratix III Devices (Note 1)
Mode
Number of
Multipliers
C2 (5)
C3
C4
C4L
I3
I4
I4L
Unit
V
CCL =
1.1 V
V
CCL =
1.1 V
V
CCL =
1.1 V
V
CCL =
1.1 V
V
CCL =
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
9
9-bit multiplier (a, c, e, g) (2)
1
440
365
315
315
240
345
315
225
MHz
9
9-bit multiplier (b, d, f, h) (2)
1
500
410
375
375
270
385
375
250
MHz
12
12-bit multiplier (a, e) (3)
1
440
365
315
315
240
345
315
225
MHz
12
12-bit multiplier (b, d, f, h) (3)
1
500
410
375
375
270
385
375
250
MHz
18
18-bit multiplier
1
600
495
440
440
320
470
440
300
MHz
36
36-bit multiplier
1
440
365
315
315
220
345
315
205
MHz
Double mode
1
440
365
315
315
220
345
315
205
MHz
18
18-bit multiply adder
2
490
405
345
345
250
380
345
235
MHz
18
18-bit multiply adder
4
490
405
345
345
250
380
345
235
MHz
18
18-bit multiply adder with loop
back
2
490
405
345
345
250
380
345
235
MHz
18
18-bit multiply adder with loop
back (4)
2
390
320
300
240
180
300
300
135
MHz
18
18-bit multiply accumulator
4
475
390
330
330
240
370
330
225
MHz
18
18-bit multiply adder with
chainout
4
475
390
330
330
240
370
330
225
MHz
Input Cascade Independent output
of four 18
18 bit multiplier
4
550
455
415
415
270
430
415
250
MHz
36-bit shift (32 bit data)
1
475
390
330
330
250
370
330
235
MHz
Notes to Table 1–21:
(1) Maximum is for a fully pipelined block with Round and Saturation disabled.
(2) The DSP block implements eight independent 9b
9b multiplies using a, b, c, d for the top DSP half block and e, f, g, h for the bottom DSP half block
multipliers.
(3) The DSP block implements six independent 12b
12b multiplies using a, b, d for the top DSP half block and e, f, h for the bottom DSP half block multipliers.
(4) Maximum for loopback input registers disabled, Round and Saturation disabled, pipeline and output registers enabled.
(5) The Fmax for the EP3SL200, EP3SE260, and EP3SL340 devices at the C2 speed grade is 7% slower than the C2 values shown in the table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com