Electronic Components Datasheet Search
  English  ▼

X  

NTJD4152P Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTJD4152P
Description  Trench Small Signal MOSFET 20 V, 0.88 A, Dual P-Channel, ESD Protected SC-88
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTJD4152P Datasheet(HTML) 1 Page - ON Semiconductor

  NTJD4152P Datasheet HTML 1Page - ON Semiconductor NTJD4152P Datasheet HTML 2Page - ON Semiconductor NTJD4152P Datasheet HTML 3Page - ON Semiconductor NTJD4152P Datasheet HTML 4Page - ON Semiconductor NTJD4152P Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2007
August, 2007 - Rev. 2
1
Publication Order Number:
NTJD4152/D
NTJD4152P
Trench Small Signal
MOSFET
20 V, 0.88 A, Dual P-Channel,
ESD Protected SC-88
Features
• Leading Trench Technology for Low RDS(ON) Performance
• Small Footprint Package (SC70-6 Equivalent)
• ESD Protected Gate
• Pb-Free Package is Available
Applications
• Load/Power Management
• Charging Circuits
• Load Switching
• Cell Phones, Computing, Digital Cameras, MP3s and PDAs
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain-to-Source Voltage
VDSS
-20
V
Gate-to-Source Voltage
VGS
±12
V
Continuous Drain
Current (Note 1)
Steady
State
TA = 25°C
ID
-0.88
A
TA = 85°C
-0.63
Power Dissipation
(Note 1)
Steady
State
TA = 25°C
PD
0.272
W
TA = 85°C
0.141
Continuous Drain
Current (Note 2)
t
v 5 s
TA = 25°C
ID
-1.0
A
TA = 85°C
-0.72
Power Dissipation
(Note 2)
t
v 5 s
TA = 25°C
PD
0.35
W
TA = 85°C
0.181
Pulsed Drain Current
t
≤ 10 ms
IDM
±3.0
A
Operating Junction and Storage Temperature
TJ,
TSTG
-55 to
150
°C
Continuous Source Current (Body Diode)
IS
-0.48
A
Lead Temperature for Soldering Purposes
(1/8” from case for 10 s)
TL
260
°C
THERMAL RESISTANCE RATINGS (Note 1)
Parameter
Symbol
Max
Unit
Junction-to-Ambient – Steady State
RqJA
460
°C/W
Junction-to-Ambient - t
v 5 s
RqJA
357
Junction-to-Lead – Steady State
RqJL
226
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface mounted on FR4 board using 1 in sq pad size
(Cu area = 1.127 in sq [1 oz] including traces), steady state.
2. Surface mounted on FR4 board using 1 in sq pad size
(Cu area = 1.127 in sq [1 oz] including traces), t
v 5 s.
Top View
MARKING DIAGRAM &
PIN ASSIGNMENT
http://onsemi.com
D1
G2
S2
S1
G1
6
5
4
1
2
3
V(BR)DSS
RDS(on) Typ
ID Max
-20 V
215 m
W @ -4.5 V
345 m
W @ -2.5 V
600 m
W @ -1.8 V
-0.88 A
D2
TK M
G
G
1
6
1
TK
= Device Code
M
= Date Code
G
= Pb-Free Package
D1 G2 S2
S1 G1 D2
(Note: Microdot may be in either location)
Device
Package
Shipping
ORDERING INFORMATION
NTJD4152PT1
SOT-363
3000 Units/Reel
NTJD4152PT1G
SOT-363
(Pb-Free)
3000 Units/Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SC-88/SOT-363
CASE 419B
STYLE 28


Similar Part No. - NTJD4152P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJD4152P ONSEMI-NTJD4152P Datasheet
75Kb / 5P
Trench Small Signal MOSFET
February, 2015 ??Rev. 6
NTJD4152PT1G ONSEMI-NTJD4152PT1G Datasheet
75Kb / 5P
Trench Small Signal MOSFET
February, 2015 ??Rev. 6
NTJD4152PT2G ONSEMI-NTJD4152PT2G Datasheet
75Kb / 5P
Trench Small Signal MOSFET
February, 2015 ??Rev. 6
NTJD4152P ONSEMI-NTJD4152P_15 Datasheet
75Kb / 5P
Trench Small Signal MOSFET
February, 2015 ??Rev. 6
More results

Similar Description - NTJD4152P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJS3151P ONSEMI-NTJS3151P Datasheet
134Kb / 6P
Trench Power MOSFET 12 V, 3.3 A, Single P?묬hannel, ESD Protected SC??8
March, 2006 ??Rev. 2
NTJD4401N ONSEMI-NTJD4401N_06 Datasheet
66Kb / 5P
Small Signal MOSFET 20 V, Dual N-Channel, SC-88 ESD Protection
November, 2006 ??Rev. 3
NTJD3158C ONSEMI-NTJD3158C Datasheet
102Kb / 7P
Power MOSFET 20 V, 0.63/-0.82 A, SC-88 Complementary, ESD Protected
January, 2008 - Rev. 0
NTJD4158C ONSEMI-NTJD4158C Datasheet
148Kb / 7P
Small Signal MOSFET 30 V/??0 V, 0.25/??.88 A, Complementary, SC??8
March, 2009 ??Rev. 2
NTJD4401N ONSEMI-NTJD4401N_08 Datasheet
86Kb / 5P
Small Signal MOSFET 20 V, Dual N-Channel, SC-88 ESD Protection
January, 2008 - Rev. 4
logo
NXP Semiconductors
PMDPB58UPE NXP-PMDPB58UPE Datasheet
880Kb / 15P
20 V dual P-channel Trench MOSFET
Rev. 1-19 June 2012
PMDXB950UPE NXP-PMDXB950UPE Datasheet
262Kb / 15P
20 V, dual P-channel Trench MOSFET
10 September 2013
logo
ON Semiconductor
NVJD4401NT1G ONSEMI-NVJD4401NT1G Datasheet
124Kb / 5P
Small Signal MOSFET 20 V, Dual N?묬hannel, SC??8 ESD Protection
October, 2011 ??Rev. 6
logo
Nexperia B.V. All right...
PMDPB65UP NEXPERIA-PMDPB65UP Datasheet
326Kb / 16P
20 V, 3.5 A dual P-channel Trench MOSFET
logo
First Silicon Co., Ltd
FTK7002D FS-FTK7002D Datasheet
413Kb / 4P
Dual Small Signal MOSFET 115 mAmps, 60 Volts N-Channel SC-88
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com