Electronic Components Datasheet Search
  English  ▼

X  

NTJS3157NT2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTJS3157NT2
Description  Trench Power MOSFET 20 V, 4.0 A, Single N?묬hannel, SC??8
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTJS3157NT2 Datasheet(HTML) 4 Page - ON Semiconductor

  NTJS3157NT2 Datasheet HTML 1Page - ON Semiconductor NTJS3157NT2 Datasheet HTML 2Page - ON Semiconductor NTJS3157NT2 Datasheet HTML 3Page - ON Semiconductor NTJS3157NT2 Datasheet HTML 4Page - ON Semiconductor NTJS3157NT2 Datasheet HTML 5Page - ON Semiconductor NTJS3157NT2 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NTJS3157N
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
VGS
Figure 7. Capacitance Variation
06
4
1
0
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
Qg, TOTAL GATE CHARGE (nC)
ID = 3.2 A
TJ = 25°C
8
2
3
5
4
2
QG(TOT)
QGS
QGD
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
100
1
RG, GATE RESISTANCE (OHMS)
10
1
100
10
td(off)
Figure 10. Diode Forward Voltage vs. Current
0.8
0
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
VGS = 0 V
6
0.6
0.4
2
3
1
1
0.2
TJ = 25°C
VGS = 0 V
8
0
1400
1200
600
200
0
GATE−TO−SOURCE OR DRAIN−TO−SOURCE
VOLTAGE (VOLTS)
TJ = 25°C
Coss
Ciss
Crss
420
12
400
800
16
4
8
VDS = 0 V
Ciss
Crss
VGS
VDS
VDS
VDS = 10 V
ID = 0.5 A
VGS = 4.5 V
td(on)
tf
tr
4
5
0.9
0.7
0.5
0.3
1000
8
2
0
4
6
10
57
3
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com