Electronic Components Datasheet Search
  English  ▼

X  

MDA200 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # MDA200
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MDA200 Datasheet(HTML) 1 Page - Rectron Semiconductor

  MDA200 Datasheet HTML 1Page - Rectron Semiconductor MDA200 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE-PHASE GLASS PASSIVATED
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Low cost
* Low leakage
* Low forward voltage
* Mounting position: Any
* Weight: 1.26 grams
* UL listed the recognized component directory, file #E94233
* Epoxy: Device has UL flammability classification 94V-O
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MDA200G
THRU
MDA210G
RS-1
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
SILICON BRIDGE RECTIFIER
Dimensions in inches and (millimeters)
2001-5
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
TSTG
VRMS
Volts
Volts
Volts
Amps
2.0
50
-55 to + 150
Amps
0 C
UNITS
T J
-55 to + 125
0 C
50
100
200
400
600
800
1000
70
35
140
280
420
700
560
MDA200G MDA201G MDA202G MDA204G MDA206G MDA208G MDA210G
Maximum Average Forward Output Current at TA = 50
oC
Storage Temperature Range
50
100
200
400
600
800
1000
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.1
1
mAmps
Maximum Reverse Current at Rated
Maximum Forward Voltage Drop per Bridge
Volts
@TA = 25
oC
@TA = 100
oC
MDA200G MDA201G MDA202G MDA204G MDA206G MDA208G MDA210G
DC Blocking Voltage per element
Element at 3.14A DC
10
uAmps
.414 (10.5)
.374 (9.5)
.035 (0.9) DIA
.360 (9.1)
.320 (8.1)
.390
MIN.
(9.9)
.160 (4.1)
.140 (3.6)
.650 (16.5)
.610 (15.5)
.161 (4.1)
.150 (3.8)
.050
(1.27)
SPACING
.028 (0.7) TYP.
AC
MECHANICAL DATA


Similar Part No. - MDA200

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MDA200 NJSEMI-MDA200 Datasheet
89Kb / 1P
MINIATURE INTEGRAL DIODE ASSEMBLIES
logo
Rectron Semiconductor
MDA200G RECTRON-MDA200G Datasheet
30Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
MDA200G RECTRON-MDA200G_05 Datasheet
30Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
More results

Similar Description - MDA200

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RC201 RECTRON-RC201 Datasheet
20Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
DB201S RECTRON-DB201S Datasheet
378Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
RS201 RECTRON-RS201 Datasheet
190Kb / 3P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
RS201M RECTRON-RS201M_11 Datasheet
197Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
DB201 RECTRON-DB201 Datasheet
86Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2021-07 REV:A
DB201LS RECTRON-DB201LS Datasheet
487Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2020-04/97 REV:A
KBP2005G RECTRON-KBP2005G Datasheet
149Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2021-06/9 REV: H
MSB201S RECTRON-MSB201S Datasheet
210Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2016-08 REV: O
MSB20XS-T-A01 RECTRON-MSB20XS-T-A01 Datasheet
196Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2016-08 REV: O
RBU201M RECTRON-RBU201M Datasheet
269Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2018-10 REV:A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com