Electronic Components Datasheet Search
  English  ▼

X  

6136 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 6136
Description  IEC Appliance Inlet C20 with Circuit Breaker TA35 1-pole
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

6136 Datasheet(HTML) 2 Page - Schurter Inc.

  6136 Datasheet HTML 1Page - Schurter Inc. 6136 Datasheet HTML 2Page - Schurter Inc. 6136 Datasheet HTML 3Page - Schurter Inc. 6136 Datasheet HTML 4Page - Schurter Inc. 6136 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image

Power entry modules without line filter
636
www.schurter.com/pg05
Appliance Inlet
Dimensions
Length
53.6mm
R 3
50.8
+0.2
0
max. R 2
S
53.6
10.6
7
30.5
3
±0.05
19
1.5
Diagrams
non-illuminated
L
N
PE
PE'
L' P1
4
N'
1)
2)
1) Line
2) Load
illuminated (connection N' to L)
L
N
PE
PE'
L' P1
4
N'
1)
2)
L
1) Line
2) Load



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com